Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1977WBCPZ-R7 Fiches technique(PDF) 54 Page - Analog Devices

No de pièce ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Fiches technique(HTML) 54 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 50Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 51Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 52Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 53Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 54Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 55Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 56Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 57Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 58Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
ADAU1977
Data Sheet
Rev. C | Page 54 of 68
DIAGNOSTICS CONTROL REGISTER
Address: 0x10, Reset: 0x0F, Name: DIAG_CONTROL
Table 41. Bit Descriptions for DIAG_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
RESERVED
Reserved.
0x0
RW
3
DIAG_EN4
Diagnostics Enable Channel 4.
0x1
RW
0
Diagnostics Disabled
1
Diagnostics Enabled
2
DIAG_EN3
Diagnostics Enable Channel 3.
0x1
RW
0
Diagnostics Disabled
1
Diagnostics Enabled
1
DIAG_EN2
Diagnostics Enable Channel 2.
0x1
RW
0
Diagnostics Disabled
1
Diagnostics Enabled
0
DIAG_EN1
Diagnostics Enable Channel 1.
0x1
RW
0
Diagnostics Disabled
1
Diagnostics Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68