Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADAU1977WBCPZ-R7 Fiches technique(PDF) 46 Page - Analog Devices

No de pièce ADAU1977WBCPZ-R7
Description  Quad ADC with Diagnostics
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

ADAU1977WBCPZ-R7 Fiches technique(HTML) 46 Page - Analog Devices

Back Button ADAU1977WBCPZ-R7 Datasheet HTML 42Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 43Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 44Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 45Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 46Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 47Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 48Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 49Page - Analog Devices ADAU1977WBCPZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
ADAU1977
Data Sheet
Rev. C | Page 46 of 68
CHANNEL MAPPING FOR OUTPUT SERIAL PORTS REGISTER
Address: 0x08, Reset: 0x32, Name: SAI_CMAP34
Table 34. Bit Descriptions for SAI_CMAP34
Bits
Bit Name
Settings
Description
Reset
Access
[7:4]
CMAP_C4
ADC Channel 4 Output Mapping.
0x3
RW
0000
Slot 1 for Channel
0001
Slot 2 for Channel
0010
Slot 3 for Channel (on SDATAOUT2 in stereo modes)
0011
Slot 4 for Channel (on SDATAOUT2 in stereo modes)
0100
Slot 5 for Channel (TDM8+ only)
0101
Slot 6 for Channel (TDM8+ only)
0110
Slot 7 for Channel (TDM8+ only)
0111
Slot 8 for Channel (TDM8+ only)
1000
Slot 9 for Channel (TDM16 only)
1001
Slot 10 for Channel (TDM16 only)
1010
Slot 11 for Channel (TDM16 only)
1011
Slot 12 for Channel (TDM16 only)
1100
Slot 13 for Channel (TDM16 only)
1101
Slot 14 for Channel (TDM16 only)
1110
Slot 15 for Channel (TDM16 only)
1111
Slot 16 for Channel (TDM16 only)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68