| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7261N Fiches technique(PDF) 27 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7261N Fiches technique(HTML) 27 Page - ams AG |
|
27 / 42 page ![]() ams Datasheet Page 27 [v1-02] 2017-Feb-27 Document Feedback AS7261N − Detailed Descriptions Figure 35: Sensor Data Registers Addr: 0xDC NDATA_L Bit Bit Name Default Access Bit Description 7:0 NDATA_L R Channel N Low Data Byte Addr: 0xDD NDATA_H Bit Bit Name Default Access Bit Description 7:0 NDATA_H R Channel N High Data Byte Addr: 0xDE YDATA_L Bit Bit Name Default Access Bit Description 7:0 YDATA_L R Channel Y Low Data Byte Addr: 0xDF YDATA_H Bit Bit Name Default Access Bit Description 7:0 YDATA_H R Channel Y High Data Byte Addr: 0xEC ZDATA_L Bit Bit Name Default Access Bit Description 7:0 ZDATA_L R Channel Z Low Data Byte Addr: 0xED ZDATA_H Bit Bit Name Default Access Bit Description 7:0 ZDATA_H R Channel Z High Data Byte Addr: 0xEE XDATA_L Bit Bit Name Default Access Bit Description 7:0 XDATA_L R Channel X Low Data Byte Addr: 0xEF XDATA_H Bit Bit Name Default Access Bit Description 7:0 XDATA_H R Channel X High Data Byte |