| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7261N Fiches technique(PDF) 1 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7261N Fiches technique(HTML) 1 Page - ams AG |
|
1 / 42 page ![]() ams Datasheet Page 1 [v1-02] 2017-Feb-27 Document Feedback AS7261N XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter The AS7261N provides direct XYZ sensor data which conforms to the tri-stimulus standard observer color response of the human eye. A near-IR channel enables additional application flexibility. LED drivers with programmable currents are provided for electronic shutter applications. The AS7261N integrates Gaussian filters into standard CMOS silicon via nano-optic deposited interference filter technology and is packaged in an LGA package that provides a built in aperture to control the light entering the sensor array. Control and spectral data access is implemented through an I²C register set. Ordering Information and Content Guide appear at end of datasheet. Key Benefits & Features The benefits and features of AS7261N, XYZ Tri-Stimulus and NIR Sensor with Electronic Shutter are listed below: Figure 1: AS7261N Benefits and Features Benefits Features • XYZ channel data conforming to human eye response to color information • XYZ tri-stimulus standard observer filter set • High accuracy ambient light measurements • Ambient light sensing (photopic response) • Direct register read and write with interrupt on sensor ready • I²C slave digital Interface with optional interrupt operation • High stability over lifetime with minimal drift over temperature • Filter set realized by silicon interference filters • No additional signal conditioning required • 16-bit ADC with digital access • Direct register read and write with interrupt on sensor ready • I²C slave digital Interface with optional interrupt operation General Description |
Numéro de pièce similaire - AS7261N |
|
Description similaire - AS7261N |