| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7261N Fiches technique(PDF) 12 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7261N Fiches technique(HTML) 12 Page - ams AG |
|
12 / 42 page ![]() Page 12 ams Datasheet Document Feedback [v1-02] 2017-Feb-27 AS7261N − Detailed Descriptions Data Conversion AS7261N spectral conversion is implemented via two photodiode banks. The first bank provides data from the X, Y, Z and NIR (near-IR) photodiodes. The second bank provides data from the same X and Y photodiodes as well as D (Dark) and C (Clear) photodiodes. The spectral conversion process is controlled with two BANK Mode settings. Bank Mode 0 uses I²C registers for X, Y, D and C data. Bank Mode 1 uses I²C registers for X, Y, Z and NIR data. Sensor data is available in four I²C registers (NDATAL/NDATAH, XDATAL/XDATAH, YDATAL/YDATAH and ZDATAL/ZDATAH) as shown in the figures below. Figure 13: Bank Modes Figure 14: AS7261N Sensor Data I²C Registers I²C Register Bank Mode 0 Bank Mode 1 NDATAL/NDATAH C NIR XDATAL/XDATAH X X YDATAL/YDATAH Y Y ZDATAL/ZDATAH D Z X Y C Z D NIR Photo Diode Array BANK Mode 0 One Conversion X, Y, D and C Integration Time X, Y, Z and NIR One Conversion BANK Mode 1 Integration Time |