| Moteur de recherche de fiches techniques de composants électroniques |
|
AS7261N Fiches technique(PDF) 19 Page - ams AG |
|
|
|||||||||||||||||||||||||||||
AS7261N Fiches technique(HTML) 19 Page - ams AG |
|
19 / 42 page ![]() ams Datasheet Page 19 [v1-02] 2017-Feb-27 Document Feedback AS7261N − Detailed Descriptions Interrupt and Polling Control Registers 0x22 INTR_PIN_Config OPIN FUNCT 0xF8 INTR_POLL_CLR RESV CLR RESV 0xF9 INTR_POLL_EN RESV EN RESV LED Control Registers 0xEA LED_DRV RESV ON_OFF RESV 0x84 LED_IND RESV CURRENT RESV ON_OFF Auto Zero and Temperature Control Registers 0xBA Auto_Zero RESV C_EN X_EN Y_EN Z_EN 0xD1 TMPH Most Significant bits (9:2) of Temperature Measurement 0xD2 TMPL RESV TMPL 0xD3 TMP_Config ISTAT RESVSTRT RESV SRC Sensor Control Registers 0xDB BANK BANK RESV 0xB9 GAIN_IDRV IDRV RESV GAIN 0xD9 INT_T Integration Time 0xDA WTIME Wait Time 0xFA DATA_EN DL RESV WAIT RESV CON PON Sensor Data Registers 0xDC NDATA_L N Channel Low Byte 0xDD NDATA_H N Channel High Byte 0xDE YDATA_L Y Channel Low Byte 0xDF YDATA_H Y Channel High Byte 0xEC ZDATA_L Z Channel Low Byte 0xED ZDATA_H Z Channel High Byte 0xEE XDATA_L X Channel Low Byte 0xEF XDATA_H X Channel High Byte Addr Name <D7> <D6> <D5> <D4> <D3> <D2> <D1> <D0> |