Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM4633 Fiches technique(PDF) 15 Page - Linear Technology

No de pièce LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Fiches technique(HTML) 15 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 11Page - Linear Technology LTM4633 Datasheet HTML 12Page - Linear Technology LTM4633 Datasheet HTML 13Page - Linear Technology LTM4633 Datasheet HTML 14Page - Linear Technology LTM4633 Datasheet HTML 15Page - Linear Technology LTM4633 Datasheet HTML 16Page - Linear Technology LTM4633 Datasheet HTML 17Page - Linear Technology LTM4633 Datasheet HTML 18Page - Linear Technology LTM4633 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
LTM4633
15
4633f
For more information www.linear.com/LTM4633
applicaTions inForMaTion
startcapacitorchargingcurrentisalwaysflowing,produc-
ing a small offset error. To minimize this error, select the
tracking resistive divider value to be small enough to make
thiserrornegligible.Inordertotrackdownanotherchannel
or supply after the soft-start phase expires, the LTM4633
is forced into continuous mode of operation as soon as
VFB is below the undervoltage threshold of 0.74V regard-
less of the setting of the MODE/PLLIN pin. However, the
LTM4633 should always be set in force continuous mode
tracking down when there is no load. After TK/SS drops
below0.1V,itschannelwilloperateindiscontinuousmode.
The master’s TK/SS pin slew rate is directly equal to the
master’s output slew rate in Volts/Time. The equation:
RTB =
MR
SR


•60.4k
where MR is the master’s output slew rate and SR is the
slave’s output slew rate in Volts/Time. When coincident
tracking is desired, then MR and SR are equal, thus RTB
is equal the 60.4k. RTA is derived from equation:
RTA =
0.8V
VFB
60.4k
+
VFB
RFB
VTRACK
RTB
where VFB is the feedback voltage reference of the regula-
tor, and VTRACK is 0.8V. Since RTB is equal to the 60.4k top
feedback resistor of the slave regulator in equal slew rate
or coincident tracking, then RTA is equal to RFB with VFB =
VTRACK.ThereforeRTB=60.4k,andRTA=60.4kinFigure2.
In ratiometric tracking, a different slew rate maybe desired
for the slave regulator. RTB can be solved for when SR is
slower than MR. Make sure that the slave supply slew
rate is chosen to be fast enough so that the slave output
voltage will reach it final value before the master output.
Power Good
The PGOOD12 pin is an open-drain pin that can be used
to monitor valid output voltage regulation for VOUT1 and
VOUT2, and PGOOD3 for monitoring VOUT3. These pins
monitor a ±7.5% window around the 0.8V feedback volt-
age on either VFB1,2,3 from the output regulation point. A
resistor can be pulled up to a particular supply voltage
no greater than 6V maximum for monitoring. Any of the
PGOOD pins are pulled low when the RUN pin of the cor-
responding channel is pulled low.
Overcurrent and Overvoltage Protection
Each of the regulator channels senses the peak inductor
current on a cycle-by-cycle basis as current mode opera-
tion. When current limit is reached the output voltage will
begin to fall and the internal current limit threshold will
begin fold back as the output voltage falls below 50% of
its value. Foldback current limit is disabled during start-up
or track-up. Under a short-circuit condition at low duty
cycle operation, each of the regulator channels will begin
to skip cycles to limit the short-circuit current.
Overvoltage protection is implemented by monitoring
each one of the regulator’s VFB pins. When the VFB voltage
exceeds ~7.5% above the 0.8V reference value, then an
internal comparator monitor will turn off the top power
switch, and turn on the bottom power switch to protect the
load. If the top power switch faults as a short, then a fuse
or circuit breaker would be recommended to protect the
system. This is due to the top switch being shorted while
the bottom switch is turning on to protect the output from
over voltage. High currents will flow and could damage
the bottom switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com