Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LTM4633 Fiches technique(PDF) 11 Page - Linear Technology

No de pièce LTM4633
Description  Triple 10A Step-DownDC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINER [Linear Technology]
Site Internet  http://www.linear.com
Logo LINER - Linear Technology

LTM4633 Fiches technique(HTML) 11 Page - Linear Technology

Back Button LTM4633 Datasheet HTML 7Page - Linear Technology LTM4633 Datasheet HTML 8Page - Linear Technology LTM4633 Datasheet HTML 9Page - Linear Technology LTM4633 Datasheet HTML 10Page - Linear Technology LTM4633 Datasheet HTML 11Page - Linear Technology LTM4633 Datasheet HTML 12Page - Linear Technology LTM4633 Datasheet HTML 13Page - Linear Technology LTM4633 Datasheet HTML 14Page - Linear Technology LTM4633 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
LTM4633
11
4633f
For more information www.linear.com/LTM4633
applicaTions inForMaTion
The typical LTM4633 application circuit is shown in Fig-
ure 16. External component selection is primarily deter-
mined by the maximum load current and output voltage.
RefertoTable5forspecificexternalcapacitorrequirements
for particular applications.
VIN to VOUT Step-Down Ratios
There are restrictions in the VIN to VOUT step-down ratio
that can be achieved for a given input voltage. The VIN to
VOUT minimum dropout is a function of load current and
at very low input voltage and high duty cycle applications
output power may be limited as the internal top power
MOSFET is not rated for 10A operation at higher ambient
temperatures. At very low duty cycles the minimum 90ns
on-time must be maintained. See the Frequency Adjust-
ment section and temperature derating curves.
Output Voltage Programming
The PWM controller has an internal 0.8V ±1% reference
voltage. As shown in the Block Diagram, a 60.4k preci-
sion internal feedback resistor connects the VOUT and VFB
pins together.
The output voltage will default to 0.8V with no feedback
resistor. Adding a resistor RFB from VFB to ground pro-
grams the output voltage:
VOUT = 0.8V •
60.4k
+RFB
RFB


, RFB =
48.32k
VOUT –0.8V
Table 1. VFB Resistor Table vs Various Output Voltages
VOUT(V) 0.8
1.0
1.2
1.5
1.8
2.5
3.3
5.0
RFB (kΩ) Open 242
121
69.8
48.7
28.7
19.1
11.5
For parallel operation of VOUT1 and VOUT2, the following
equation can be used to solve for RFB:
RFB =
60.4k
2
VOUT
0.8V
–1
In the parallel operation the following pins should be tied
together, VFB1 and VFB2 pins, COMP1 and COMP2 pins,
TK/SS1 and TK/SS2, and RUN1 and RUN2.
Input Capacitors
The LTM4633 module should be connected to a low AC
impedance DC source. Additional input capacitors are
neededfortheRMSinputripplecurrentrating.TheICIN(RMS)
equation which follows can be used to calculate the input
capacitor requirement for each channel. Typically 22µF
X7R ceramics are a good choice with RMS ripple current
ratings of ~2A each. A 47µF to 100µF surface mount alu-
minum electrolytic capacitor can be used for more input
bulk capacitance. This bulk input capacitor is only needed
if the input source impedance is compromised by long
inductive leads, traces or not enough source capacitance.
If low impedance power planes are used, then this bulk
capacitor is not needed.
For a buck converter, the switching duty cycle can be
estimated as:
D
=
VOUT
VIN
Without considering the inductor ripple current, for each
output, the RMS current of the input capacitor can be
estimated as:
ICIN(RMS) =
IOUT(MAX)
η%
• D• 1–D
( )
(1)
In the previous equation,
η% is the estimated efficiency
of the power module in decimal form (0.nn) for a given
VOUT-to-VIN ratio.
The selection of CIN is simplified by the 3-phase architec-
ture and its impact on the worst-case RMS current draw
occurs when only one channel is operating. This is true
when the three channels are powered from a common
VIN. The channel with the highest duty cycle D peaking at
0.5 and maximum load current needs to be used in the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com