| Moteur de recherche de fiches techniques de composants électroniques |
|
N2764BU-059 Fiches technique(PDF) 21 Page - Keysight Technologies |
|
|
|||||||||||||||||||||||||||||
N2764BU-059 Fiches technique(HTML) 21 Page - Keysight Technologies |
|
21 / 44 page ![]() 21 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet Analysis Tools: InfiniiSim (N5465A) The most advanced waveform transformation software helps you render waveforms anywhere in a digital serial data link InfiniiSim waveform transformation toolset provides the most flexible and accurate means to render waveforms anywhere in a digital serial data link. The highly configurable system modeling enables you to remove the deleterious effects of unwanted channel elements, simulate waveforms with channel models inserted, view waveforms in physically improbable locations, compensate for loading of probes and other circuit elements, and do so simply and quickly on your tool of choice, the Z-Series at up to 63 GHz of bandwidth. Circuit models to define your setup The InfiniiSim waveform transformation toolset provides a graphical user interface for you to define your system as you understand it and even make it arbitrarily complex. You do this by selecting topologies and defining circuit blocks. Model reflections With the InfiniiSim waveform transformation toolset, you can transform signals with confidence, whether you are inserting or removing channel elements or relocating the measurement plane. InfiniiSim’s advanced toolset lets you model up to 27 different elements at once and model the interaction between elements. Only toolsets with the ability to model more than one element will properly reflect a model including the oscilloscope’s input. The Z-Series scopes provide their own S11 parameter to allow modeling of their own input. Model your system with as much detail as you need InfiniiSim features the model setup that best matches your design. Whether it is a simple single-element model or an advanced general-purpose model with up to 27 elements in the link, you can perfectly model your design and simulate the exact probing point you want. InfiniiSim renders the waveform through hardware acceleration. InfiniiSim allows embedding and de-embedding of up to 27 different elements or S-parameter models at once to meet your most demanding requirements. |