Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N2764BU-059 Fiches technique(PDF) 25 Page - Keysight Technologies

No de pièce N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Fiches technique(HTML) 25 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 21Page - Keysight Technologies N2764BU-059 Datasheet HTML 22Page - Keysight Technologies N2764BU-059 Datasheet HTML 23Page - Keysight Technologies N2764BU-059 Datasheet HTML 24Page - Keysight Technologies N2764BU-059 Datasheet HTML 25Page - Keysight Technologies N2764BU-059 Datasheet HTML 26Page - Keysight Technologies N2764BU-059 Datasheet HTML 27Page - Keysight Technologies N2764BU-059 Datasheet HTML 28Page - Keysight Technologies N2764BU-059 Datasheet HTML 29Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 44 page
background image
25 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
Compliance and Automated Testing
Compliance applications make testing to today’s technologies standards
easy.
The remote programming interface makes it easy to control automation
applications via your PC.
PrecisionProbe is fully integrated in Z-Series automation applications.
Today’s demanding environment means you have much less
time to understand the intricacies of the technologies you are
testing. You also have less time to develop and test automation
software that is designed to increase measurement throughput
and decrease time to market. Compliance applications save you
time and money with measurement automation built into the
compliance application. No longer do valuable resources need to
be exclusively tied to writing automation software. Instead they
can be deployed to designing the next big project.
Infiniium’s compliance applications are fully functional with
design tools such as ADS. Imagine running your waveforms at
design through the entire suite of compliance tests, giving more
insight earlier than was previously possible. As the design moves
to silicon and then to validation, the same suite of tests can be
run live on your device.
Compliance applications that run on Z-Series oscilloscopes are
certified to test to the exact specifications of each technology
standard. If a test passes on the Z-Series scope in your lab, you
can be assured that it will pass in test labs and at plug fests
worldwide. Keysight experts on technology boards and industry
standards committees help define compliance requirements. As
a result, you can be sure that Z-Series oscilloscope tools deliver
to critical specifications. Setup wizards combined with intelligent
test filtering give you confidence you’re running the right tests.
Comprehensive HTML reports with visual documentation and
pass/fail results guarantee that critical information is retained on
each test.
Quick and easy automated switching
Only Keysight’s Z-Series oscilloscopes feature compliance
applications with both the user-defined application’s add-in
capability and integrated PrecisionProbe compensation. Switch
paths can vary in their characteristics and have unwanted loss. By
enabling PrecisionProbe in its compliance applications, Z-Series
scopes allows you to characterize and compensate for every path
in the switch, making every path’s frequency response identical in
both magnitude and phase. These tools makes switch automation
quick and painless. The Z-Series and its compliance applications
make automation more automated than ever. Your technicians
no longer need to spend valuable time physically changing
connections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44