Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N2764BU-059 Fiches technique(PDF) 13 Page - Keysight Technologies

No de pièce N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Fiches technique(HTML) 13 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 9Page - Keysight Technologies N2764BU-059 Datasheet HTML 10Page - Keysight Technologies N2764BU-059 Datasheet HTML 11Page - Keysight Technologies N2764BU-059 Datasheet HTML 12Page - Keysight Technologies N2764BU-059 Datasheet HTML 13Page - Keysight Technologies N2764BU-059 Datasheet HTML 14Page - Keysight Technologies N2764BU-059 Datasheet HTML 15Page - Keysight Technologies N2764BU-059 Datasheet HTML 16Page - Keysight Technologies N2764BU-059 Datasheet HTML 17Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
13 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
The Z-Series improves upon Keysight’s use of custom integrated circuits and multichip module packaging
with an exclusive technology called RealEdge. RealEdge comprises a combination of new architectures, next-
generation microcircuits and thin-film components, and advanced application of Keysight’s indium phosphide
semiconductor process. This technology enables high-frequency capability while maintaining the industry’s
lowest noise and jitter measurement floor (75 fs).
100-MHz reference clock ties up to 10
Z-Series together with 150 fs precision.
A 10-MHz clock allows tying multiple
instruments together with the Z-Series.
Live indicator shows when the scope is
running a long operation.
Measure section, including a toggling
marker button and a dedicated marker
knob, provides quick access to your
marker control.
Individual vertical knobs per channel.
The horizontal and vertical knobs can
be changed to control functions and
waveform memories. Simply right click
the channel control in the GUI to change
these controls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44