Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

N2764BU-059 Fiches technique(PDF) 6 Page - Keysight Technologies

No de pièce N2764BU-059
Description  Infiniium Z-Series Oscilloscopes
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  KEYSIGHT [Keysight Technologies]
Site Internet  http://www.keysight.com
Logo KEYSIGHT - Keysight Technologies

N2764BU-059 Fiches technique(HTML) 6 Page - Keysight Technologies

Back Button N2764BU-059 Datasheet HTML 2Page - Keysight Technologies N2764BU-059 Datasheet HTML 3Page - Keysight Technologies N2764BU-059 Datasheet HTML 4Page - Keysight Technologies N2764BU-059 Datasheet HTML 5Page - Keysight Technologies N2764BU-059 Datasheet HTML 6Page - Keysight Technologies N2764BU-059 Datasheet HTML 7Page - Keysight Technologies N2764BU-059 Datasheet HTML 8Page - Keysight Technologies N2764BU-059 Datasheet HTML 9Page - Keysight Technologies N2764BU-059 Datasheet HTML 10Page - Keysight Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
06 | Keysight | Infiniium Z-Series Oscilloscopes - Data Sheet
You need to easily compute both
magnitude and phase
Infiniium Z-Series oscilloscopes include
a Fast Fourier Transform (FFT) for
frequency domain (spectrum) analysis. The
integrated FFT offers an alternative to a
dedicated spectrum analyzer. Use the FFT
to compute both magnitude and phase
and take advantage of several useful
features to assist in spectral analysis.
The FFT can control span and resolution
bandwidth. Automatic measurements
and markers measure spectral peak
frequencies and magnitudes as well as
deltas between peaks. Use the amplitude
demodulation (envelope mode) to measure
rise and fall times on the entire envelope.
Z-Series features the following
to enable extreme RealEdge
analysis
– Multiple FFT windows including
Hanning, rectangular, Blackman-
Harris, flattop, and Hamming
– Peak search and navigation for fast
analysis
– Amplitude modulation (envelope
mode) — create radar envelopes
– FFT mask trigger
– Gated FFT measurements
The Spectrum Analyzer — Radar and Satellite Communications Analysis
The Z-Series FFT quickly identifies peaks and has key controls such as span, start and stop, which
make the oscilloscope behave more like a spectrum analyzer.
Ampltitude demodulation makes it possible to analyze difficult waveforms such as envelopes.
Use the FFT mask to test frequency margins and capture rare events.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44