Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK55C324 Fiches technique(PDF) 10 Page - List of Unclassifed Manufacturers

No de pièce STK55C324
Description  LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STK55C324 Fiches technique(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STK55C324 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 10Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 11Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 12Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 13Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LCD Controller
10 /24
Issue date: 13 August, 1999
Syntek Semiconductor Co., Ltd.
STK55C324
* It is not necessary to add SEI and CLI instructions in interrupt routine . If a CLI instruction is added
in the interrupt routine, then another interrupt may be inserted during current interrupt routine and may
cause stack overflow.
6.4 Sound channel operation :
6.4.1 If two sound channels are used and the SOUND1 and SOUND2 are tied together, then please follow
below instructions to make two sound channels work.
1). All channels off.
a. Set $1013 to zero.
b. Set $1008 and $1009 to zero .
2). Channel 1 output tone and channel 2 output voice or turn off .
a. Set $1013 to 0BH.
b. Set $1009 to zero to turn off or set the volume according to the voice data.
c. Set $1008 to the desired volume.
d. Set sound generator to the desired frequency.
3). Channel 2 output tone and channel 1 output voice or turn off.
a. Set $1013 to 0EH.
b. Set $1008 to zero to turn off or set the volume according to the voice data.
c. Set $1009 to the desired volume.
d. Set sound generator to the desired frequency.
4). Channel 1 output voice or turns off and channel 2 output voice or turns off.
a. Set $1013 to 0AH.
b. Set $1009 to zero to turn off or set the volume according to the voice data..
c. Set $1008 to zero to turn off or set the volume according to the voice data.
Note : If both of these two channels are off, then $1013 should be set to zero. (see item 1)
5). Two channels output tone.
a. Set $1013 to 0FH.
b. Set $1008 and $1009 to the desired volumes.
c. Set sound generators to the desired frequency.
6.4.2 If only one channel is used or two channels are used but they are not tied together, then follow below
instructions.
1). Channel off.
a. Set SOUND output to CMOS output (bit 1 or bit 3 of $1013 to zero).
b. Set volume to zero ($1008 or $1009).
2). Channel output tone.
a. Set SOUND output to DAC output (bit 1 or bit 3 of $1013 to one).
b. Set sound generator to the desired frequency.
c. Set the channel volume ($1008 or $1009).
d. Enable sound generator (bit 0 or bit 2 of $1013 to one).
3). Channel output voice.
a. Set SOUND output to DAC output (bit 1 or bit 3 of $1013 to one).
b. Disable sound generator (bit 0 or bit 2 of $1013 to zero).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com