Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK55C324 Fiches technique(PDF) 1 Page - List of Unclassifed Manufacturers

No de pièce STK55C324
Description  LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STK55C324 Fiches technique(HTML) 1 Page - List of Unclassifed Manufacturers

  STK55C324 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LCD Controller
1 /24
Issue date: 13 August, 1999
Syntek Semiconductor Co., Ltd.
STK55C324
Specification
1. FEATURES :
* Operating voltage : 2.5V – 5.5 V.
* Maximum CPU operating frequency : 2MHz at 2.7V
* Dual oscillators :
- RC or 32.768 KHz crystal oscillator for LCD display and watch timer.
- RC oscillator for system clock.
* 40 segments and 8 commons output for LCD driver.
- 1/4 bias, 1/8 duty and 64Hz frame frequency.
- 16 levels contrast control.
* I/O port.
- 8 I/O pins with selectable wake up interrupt.
- Two output pins. These two pins can be set as sound channel DAC outputs.
* Built in 160 bytes data RAM and 40 bytes display RAM.
* Built in 32K bytes ROM for program.
* One 8-bit timer with 8 predefined input clock.
* Two sound generators with 7-bit D/A output.
* Four interrupt sources :
NMI - 64 Hz interrupt
IRQ1 - Fix-time timer interrupt
IRQ2 - Timer interrupt
IRQ3 - External interrupt
* Code option :
-
Built-in 150K OHM pull-up resistors for I/O port.
-
RC or 32768Hz crystal oscillation for LCD driver.
2. APPLICATION :
* Calculator
* Hand-held game
* Small instrument
* Toy


Numéro de pièce similaire - STK55C324

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
STK55C641 ETC1-STK55C641 Datasheet
345Kb / 19P
STK55C641
More results

Description similaire - STK55C324

FabricantNo de pièceFiches techniqueDescription
logo
ELAN Microelectronics C...
EM83040A EMC-EM83040A Datasheet
948Kb / 16P
LCD CONTROLLER
EM83040B EMC-EM83040B Datasheet
419Kb / 22P
LCD CONTROLLER
logo
Intersil Corporation
TW8830 INTERSIL-TW8830 Datasheet
211Kb / 2P
LCD Controller
April 13, 2012
logo
Renesas Technology Corp
TW8820 RENESAS-TW8820 Datasheet
153Kb / 2P
LCD Controller
TW8830 RENESAS-TW8830 Datasheet
145Kb / 3P
LCD Controller
logo
Generalplus Technology ...
GPLB25B GENERALPLUS-GPLB25B Datasheet
531Kb / 13P
LCD Controller
GPLB32A5 GENERALPLUS-GPLB32A5 Datasheet
622Kb / 20P
LCD Controller
GPLB39B GENERALPLUS-GPLB39B Datasheet
983Kb / 19P
LCD CONTROLLER
GPLB39B1 GENERALPLUS-GPLB39B1 Datasheet
526Kb / 18P
LCD Controller
GPLB31A GENERALPLUS-GPLB31A Datasheet
410Kb / 20P
LCD CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com