Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK55C324 Fiches technique(PDF) 6 Page - List of Unclassifed Manufacturers

No de pièce STK55C324
Description  LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STK55C324 Fiches technique(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button STK55C324 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 9Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
LCD Controller
6 /24
Issue date: 13 August, 1999
Syntek Semiconductor Co., Ltd.
STK55C324
But the pull-up resistor will be disabled if this pin is set as output.
1008 Volume control for sound channel 1. Write only.
Bit 7-1 : Volume for sound channel 1. $FF is the maximum volume. If bit 1 of $1013 is zero, then bit
1 will output to SOUND 1 pin.
1009 Volume control for sound channel 2. Write only.
Bit 7-1 : Volume for sound channel 2. $FF is the maximum volume. If bit 3 of $1013 is zero, then bit
1 will output to SOUND 2 pin.
100C Set port 1 bit interrupt function. Write only.
* An '1' in this register will set the interrupt function of the corresponding pin of port 1 to be enable.
That is, an interrupt will be generated if a low level is detected in the pin.
* If port 1 are used as key inputs, there are several interrupts will be generated during key pressing
or release. This is caused by key bounce. It is suggested to disable the port1 interrupt after port 1
interrupt is detected and enable the port 1 interrupt after key released. Or enable port 1 interrupt
before entering sleep or standby mode and disable port 1 interrupt after IC wakeup.
* The default values for each bit is zero.
100D Timer 1 data. Read & write.
* Before writing $100D, the program should select timer clock ($100E) first.
* After timer 1 been enabled, the timer will start to count down. When timer counts to zero, the timer
will count from the initial value and IRQ2 will happen.
* Valid values are from 1 to 255. Zero is prohibited.
* If CPU read this register, the value will be 1 to 255. Please note that the CPU will never read a
zero from timer.
* The time elapse = ($100D)/timer clock
100E Timer 1 clock select and contrast setting. Write only.
Bit 2-0 : = 000 System clock/2
= 001 System clock/4
= 010 System clock/8
= 011 System clock/16
= 100 System clock/32
= 101 System clock/64
= 110 System clock/128
= 111 System clock/256



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com