Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK55C324 Fiches technique(PDF) 5 Page - List of Unclassifed Manufacturers

No de pièce STK55C324
Description  LCD Controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ETC [List of Unclassifed Manufacturers]
Site Internet  
Logo ETC - List of Unclassifed Manufacturers

STK55C324 Fiches technique(HTML) 5 Page - List of Unclassifed Manufacturers

  STK55C324 Datasheet HTML 1Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 2Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 3Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 4Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 5Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 6Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 7Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 8Page - List of Unclassifed Manufacturers STK55C324 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LCD Controller
5 /24
Issue date: 13 August, 1999
Syntek Semiconductor Co., Ltd.
STK55C324
4 : = 0 CPU clock is system clock.
= 1 CPU clock is 32.768K Hz.
7-5 : Reserved.
The default values for each bit is zero.
1003 IRQ flag register. Read & write.
Read function :
Bit 0 : = 1 Fix-time timer interrupt, IRQ1.
1 : = 1 Timer interrupt, IRQ2.
2 : = 1 External interrupt, IRQ3.
Write function :
Bit 0 : = 0 Clear fix-time timer interrupt.
1 : = 0 Clear timer interrupt.
2 : = 0 Clear external interrupt.
* Before firmware exits the interrupt routine, the interrupt flag must be cleared. Otherwise, the IC will
get into interrupt again.
* Write 0 to clear the corresponding IRQ but do not use ‘STZ
$1003’ to clear all interrupts at the
same time. Following instructions are recommended
LDA
$1003
STA
IRQBuff
EOR
#0FFH
STA
$1003
;Clear all active interrupts at the same time
LDA
IRQBuff
AND
#1
BEQ
next_irq
* Do NOT use TRB to test and clear this register. Following instructions are recommended.
LDA
$1003
AND
#1
;Check IRQ 1
BEQ
next_irq
STA
$1003
;Clear the active interrupt.
1004 Port 1 data. Read & write.
1005 Set port 1 bit function. Write only.
* An '1' in this register will set the corresponding pin of port 1 as an output pin.
* The default values for each bit is zero. A pull-up resistor can be added to the pin by code option.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com