Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB9BF412RPMC-G-JNE2 Fiches technique(PDF) 29 Page - Cypress Semiconductor

No de pièce MB9BF412RPMC-G-JNE2
Description  32-bit Arm짰 Cortex짰-M3 FM3 Microcontroller
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYPRESS [Cypress Semiconductor]
Site Internet  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB9BF412RPMC-G-JNE2 Fiches technique(HTML) 29 Page - Cypress Semiconductor

Back Button MB9BF412RPMC-G-JNE2 Datasheet HTML 25Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 26Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 27Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 28Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 29Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 30Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 31Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 32Page - Cypress Semiconductor MB9BF412RPMC-G-JNE2 Datasheet HTML 33Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 112 page
background image
Document Number: 002-05615 Rev. *D
Page
29 of 112
MB9B410R Series
Module
Pin name
Function
Pin No
LQFP-
100
FBGA-
112
LQFP-
120
QFP-
100
External
Interrupt
INT00_0
External interrupt request 00 input pin
2
C1
2
80
INT00_1
82
C8
97
60
INT00_2
87
D7
102
65
INT01_0
External interrupt request 01 input pin
3
C2
3
81
INT01_1
83
D9
98
61
INT01_2
-
-
85
-
INT02_0
External interrupt request 02 input pin
4
B3
4
82
INT02_1
53
J10
63
31
INT02_2
-
-
82
-
INT03_0
External interrupt request 03 input pin
93
D6
113
71
INT03_1
56
H9
66
34
INT03_2
9
E1
14
87
INT04_0
External interrupt request 04 input pin
12
E4
17
90
INT04_1
59
G9
69
37
INT04_2
10
E2
15
88
INT05_0
External interrupt request 05 input pin
74
C10
89
52
INT05_1
65
F9
75
43
INT05_2
11
E3
16
89
INT06_1
External interrupt request 06 input pin
73
C11
88
51
INT06_2
45
K8
50
23
INT07_2
External interrupt request 07 input pin
5
D1
5
83
INT08_1
External interrupt request 08 input pin
14
F2
19
92
INT08_2
8
D5
8
86
INT09_1
External interrupt request 09 input pin
15
F3
20
93
INT09_2
-
-
11
-
INT10_1
External interrupt request 10 input pin
16
G1
21
94
INT10_2
-
-
112
-
INT11_1
External interrupt request 11 input pin
17
G2
22
95
INT11_2
-
-
110
-
INT12_1
External interrupt request 12 input pin
27
J4
32
5
INT12_2
-
-
108
-
INT13_1
External interrupt request 13 input pin
28
L5
33
6
INT13_2
-
-
52
-
INT14_1
External interrupt request 14 input pin
39
K6
44
17
INT14_2
-
-
53
-
INT15_1
External interrupt request 15 input pin
96
C4
116
74
INT15_2
-
-
54
-
NMIX
Non-Maskable Interrupt input pin
92
B5
107
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More