Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L9678P Fiches technique(PDF) 154 Page - STMicroelectronics

No de pièce L9678P
Description  Automotive user configurable airbag IC
PDF  203 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9678P Fiches technique(HTML) 154 Page - STMicroelectronics

Back Button L9678P Datasheet HTML 150Page - STMicroelectronics L9678P Datasheet HTML 151Page - STMicroelectronics L9678P Datasheet HTML 152Page - STMicroelectronics L9678P Datasheet HTML 153Page - STMicroelectronics L9678P Datasheet HTML 154Page - STMicroelectronics L9678P Datasheet HTML 155Page - STMicroelectronics L9678P Datasheet HTML 156Page - STMicroelectronics L9678P Datasheet HTML 157Page - STMicroelectronics L9678P Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 203 page
background image
General purpose output (GPO) drivers
L9678P, L9678P-S
154/203
DocID029274 Rev 3
11
General purpose output (GPO) drivers
The L9678P contains two GPO drivers configurable either as high-side or low-side modes,
controlled in ON-OFF mode or in PWM mode setting the desired duty cycle value through
the GPO Control Register (GPOCTRLx).
For low side driver configuration, the GPODx pin is the equivalent drain connection of the
internal MOSFET and it is the current sink for the output driver. The GPOSx pin is the
source connection of the GPO driver and is externally connected to ground.
Figure 54. GPO driver block diagram - LS configuration
For high side driver configuration, the GPODx pin will be connected to battery and GPOSx
pin will be connected to the load high side.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More