| Moteur de recherche de fiches techniques de composants électroniques |
|
L9678P Fiches technique(PDF) 103 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L9678P Fiches technique(HTML) 103 Page - STMicroelectronics |
|
103 / 203 page ![]() DocID029274 Rev 3 103/203 L9678P, L9678P-S SPI interface 202 5.1.43 Safing records response target registers (SAF_RESP_TARGET_x) Safing record response target for record 1 (SAF_RESP_TARGET_1) Safing record response mask for record 2 (SAF_RESP_TARGET_2) Safing record response mask for record 3 (SAF_RESP_TARGET_3) Safing record response mask for record 4 (SAF_RESP_TARGET_4) Address: B9 (SAF_RESP_TARGET_1) BA (SAF_RESP_TARGET_2) BB (SAF_RESP_TARGET_3) BC (SAF_RESP_TARGET_4) Type: RW Buffer: $B900 (SAF_RESP_TARGET_1) $BA00 (SAF_RESP_TARGET_2) $BB00 (SAF_RESP_TARGET_3) $BC00 (SAF_RESP_TARGET_4) Reset: $8072 (SAF_RESP_TARGET_1) $8074 (SAF_RESP_TARGET_2) $8076 (SAF_RESP_TARGET_3) $8078 (SAF_RESP_TARGET_4) 19 18 17 16 15 14 13 12 11 10 9 8 7 6 5 4 3 2 1 0 MOSI - SAF_RESP_TARGETx[15:0] MISO 0 0 0 0 SAF_RESP_TARGETx[15:0] SAF_RESP_TARGETx [15:0] 0000 0000 0000 Safing Response target for safing record x - 16-bit response target that is compared to the bit-wise AND result of the SAF_RESP_MASKx and MISO data from SPI monitor Updated by SSM_RESET or SPI write while in DIAG state |