Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-CBL007V1 Fiches technique (PDF) - STMicroelectronics

STEVAL-CBL007V1 Datasheet PDF - STMicroelectronics
No de pièce STEVAL-CBL007V1
Télécharger  STEVAL-CBL007V1 Télécharger
Taille du fichier   122.79 Kbytes
Page   4 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L

STEVAL-CBL007V1 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STEVAL-CBL007V1 Datasheet PDF - STMicroelectronics

No de pièce STEVAL-CBL007V1
Télécharger  STEVAL-CBL007V1 Click to download

Taille du fichier   122.79 Kbytes
Page   4 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L

STEVAL-CBL007V1 Fiches technique (HTML) - STMicroelectronics


STEVAL-CBL007V1 Détails du produit

Description
The STEVAL-CBL007V1 demonstration board is intended to provide information and suggestions on the correct use of the LNBH23L device. The LNBH23L is an integrated solution for supplying/interfacing satellite LNB modules. Simple and inexpensive, it provides good performance while minimizing the number of external components required. It includes all functions needed for LNB supply and interfacing, and is compliant with international standards. It includes an I2C bus interface and, due to the fully integrated step-up DC-DC converter, functions with a single input voltage supply from 8 V to 15 V. STEVAL-CBL007V1

Features
■ Complete interface between LNB and I2C bus
■ Built-in DC-DC converter for single 12 V supply operation and high efficiency (typ. 93% @ 0.5 A)
■ Selectable output current limitation via external resistor
■ Compliant with main satellite receiver output voltage specifications
■ Auxiliary modulation input (EXTM pin) facilitates DiSEqCTM 1.X encoding
■ Accurate built-in 22 kHz tone generator suits widely-accepted standards
■ Low-drop post regulator and high efficiency step-up PWM with integrated power NMOS to reduce power losses
■ Internal overload and over-temperature protection with I2C diagnostic bits
■ Dynamic LNB short-circuit protection
■ RoHS compliant




Numéro de pièce similaire - STEVAL-CBL007V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-CBL001V1 STMICROELECTRONICS-STEVAL-CBL001V1 Datasheet
187Kb / 5P
EEPROM data programming on-socket or via coaxial cable
June 2008 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
19-Feb-2009
More results


Description similaire - STEVAL-CBL007V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
LNB power supply based on the LNBH23 supply
13-Nov-2009
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL009V1 STMICROELECTRONICS-STEVAL-CBL009V1 Datasheet
151Kb / 4P
DiSEqC 1.X-compliant single LNB supply and control IC based on the LNBH25
February 2013 Rev 1
STEVAL-CBL010V1 STMICROELECTRONICS-STEVAL-CBL010V1 Datasheet
113Kb / 4P
Single LNB supply and control IC DiSEqC 2.0 compliant based on the LNBH25
April 2014 Rev 1
STEVAL-CBL011V1 STMICROELECTRONICS-STEVAL-CBL011V1 Datasheet
150Kb / 4P
DiSEqC 1.X-compliant dual LNB supply and control IC based on the LNBH26
February 2013 Rev 1
STEVAL-CBL013V1 STMICROELECTRONICS-STEVAL-CBL013V1 Datasheet
190Kb / 4P
Single LNB supply and control IC DiSEqC 1.x compliant based on the LNBH25L
28-Jan-2014
STEVAL-CBL014V1 STMICROELECTRONICS-STEVAL-CBL014V1 Datasheet
176Kb / 4P
Dual LNB supply and control IC DiSeqC 1.x compliant based on the LNBH26L
27-Jan-2014
STEVAL-CBL015V1 STMICROELECTRONICS-STEVAL-CBL015V1 Datasheet
233Kb / 4P
Single LNB supply and control IC DiSEqC 1.x compliant with DSQIN based on the LNBH29 in a QFN16 (4x4)
27-Jan-2014
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.