Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-CBL013V1 Fiches technique (PDF) - STMicroelectronics

STEVAL-CBL013V1 Datasheet PDF - STMicroelectronics
No de pièce STEVAL-CBL013V1
Télécharger  STEVAL-CBL013V1 Télécharger
Taille du fichier   190.65 Kbytes
Page   4 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single LNB supply and control IC DiSEqC 1.x compliant based on the LNBH25L

STEVAL-CBL013V1 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STEVAL-CBL013V1 Datasheet PDF - STMicroelectronics

No de pièce STEVAL-CBL013V1
Télécharger  STEVAL-CBL013V1 Click to download

Taille du fichier   190.65 Kbytes
Page   4 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Single LNB supply and control IC DiSEqC 1.x compliant based on the LNBH25L

STEVAL-CBL013V1 Fiches technique (HTML) - STMicroelectronics


STEVAL-CBL013V1 Détails du produit

Description
This product evaluation board implements a DCDC converter based on the LNBH25L device used to power LNB inside dish antennas which receive satellite TV signals. The LNBH25L is an integrated solution for supplying/interfacing satellite LNB modules in accordance with international standards, offering a complete solution for single-tuner satellite receivers and good performance at low cost using few external components. The LNBH25L evaluation board includes an I2C bus interface and the internal 22 kHz tone generator (factory trimmed) is controlled by the DSQIN pin (TTL compatible), permitting immediate DiSEqC™ data encoding. A fully integrated step-up DC-DC converter allows operation with a single input voltage supply source ranging from 8 V to 16 V. January 2014 DocID025827 Rev 1 1/4 For further information contact your local STMicroelectronics sales office

Features
■ Complete interface between LNB and I²C bus
■ Built-in DC-DC converter for single 12 V supply operation and high efficiency (typ. 93% @ 0.5 A)
■ Selectable output current limit using an external resistor
■ Compliant with main satellite receiver output voltage specifications (8 programmable levels)
■ Accurate built-in 22 kHz tone generator suits widely-accepted standards
■ 22 kHz tone waveform integrity guaranteed also at no load
■ Low-drop post regulator and high-efficiency step-up PWM with integrated power N-MOS allowing low power losses
■ Overload and overtemperature internal protection with I²C diagnostic bits
■ LNB short-circuit dynamic protection
■ RoHS compliant




Numéro de pièce similaire - STEVAL-CBL013V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-CBL010V1 STMICROELECTRONICS-STEVAL-CBL010V1 Datasheet
113Kb / 4P
Single LNB supply and control IC DiSEqC 2.0 compliant based on the LNBH25
April 2014 Rev 1
STEVAL-CBL011V1 STMICROELECTRONICS-STEVAL-CBL011V1 Datasheet
150Kb / 4P
DiSEqC 1.X-compliant dual LNB supply and control IC based on the LNBH26
February 2013 Rev 1
STEVAL-CBL012V1 STMICROELECTRONICS-STEVAL-CBL012V1 Datasheet
190Kb / 4P
LNB short-circuit dynamic protection
January 2014 Rev 1
STEVAL-CBL014V1 STMICROELECTRONICS-STEVAL-CBL014V1 Datasheet
176Kb / 4P
Dual LNB supply and control IC DiSeqC 1.x compliant based on the LNBH26L
27-Jan-2014
STEVAL-CBL015V1 STMICROELECTRONICS-STEVAL-CBL015V1 Datasheet
233Kb / 4P
Single LNB supply and control IC DiSEqC 1.x compliant with DSQIN based on the LNBH29 in a QFN16 (4x4)
27-Jan-2014
More results


Description similaire - STEVAL-CBL013V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
LNB power supply based on the LNBH23 supply
13-Nov-2009
AN3115 STMICROELECTRONICS-AN3115 Datasheet
875Kb / 28P
LNB power supply based on the LNBH23L supply and control IC with step-up and I²C interface
28-Jan-2011
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
Dual LNB power supply based on the LNBH24L
25-Nov-2011
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
12-Aug-2010
STEVAL-CBL009V1 STMICROELECTRONICS-STEVAL-CBL009V1 Datasheet
151Kb / 4P
DiSEqC 1.X-compliant single LNB supply and control IC based on the LNBH25
February 2013 Rev 1
STEVAL-CBL010V1 STMICROELECTRONICS-STEVAL-CBL010V1 Datasheet
113Kb / 4P
Single LNB supply and control IC DiSEqC 2.0 compliant based on the LNBH25
April 2014 Rev 1
STEVAL-CBL011V1 STMICROELECTRONICS-STEVAL-CBL011V1 Datasheet
150Kb / 4P
DiSEqC 1.X-compliant dual LNB supply and control IC based on the LNBH26
February 2013 Rev 1
STEVAL-CBL014V1 STMICROELECTRONICS-STEVAL-CBL014V1 Datasheet
176Kb / 4P
Dual LNB supply and control IC DiSeqC 1.x compliant based on the LNBH26L
27-Jan-2014
STEVAL-CBL015V1 STMICROELECTRONICS-STEVAL-CBL015V1 Datasheet
233Kb / 4P
Single LNB supply and control IC DiSEqC 1.x compliant with DSQIN based on the LNBH29 in a QFN16 (4x4)
27-Jan-2014
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.