Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-CBL004V1 Fiches technique (PDF) - STMicroelectronics

STEVAL-CBL004V1 Datasheet PDF - STMicroelectronics
No de pièce STEVAL-CBL004V1
Télécharger  STEVAL-CBL004V1 Télécharger
Taille du fichier   172.79 Kbytes
Page   4 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power supply demonstration board for LNB based on the LNBH24

STEVAL-CBL004V1 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STEVAL-CBL004V1 Datasheet PDF - STMicroelectronics

No de pièce STEVAL-CBL004V1
Télécharger  STEVAL-CBL004V1 Click to download

Taille du fichier   172.79 Kbytes
Page   4 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Power supply demonstration board for LNB based on the LNBH24

STEVAL-CBL004V1 Fiches technique (HTML) - STMicroelectronics


STEVAL-CBL004V1 Détails du produit

Description
The STEVAL-CBL004V1 demonstration board implements a DC-DC converter based on the LNBH24 dual LNB supply and control IC with step-up and I2C interface. This simple, cost-effective design represents an integrated solution for supplying/interfacing two independent LNB down-converters in satellite antenna dishes. It provides good performance with a minimum of external components. The STEVAL-CBL004V1 includes all the functions needed for the design of dual tuner STBs, with supplying/interfacing functions that are compliant with the international standards. It features an I2C bus interface and, thanks to the fully integrated step-up DC-DC converter, it works with a single input voltage supply in the range of 8 V to 15 V. STEVAL-CBL004V1

Features
■ Complete interface between LNBs and I2C bus
■ Built-in DC-DC converter for single 12 V supply operation (8 - 15 volt Vin range) and high efficiency (typ. 93%@0.5 A)
■ Compliant with main satellite receiver output voltage specifications
■ Accurate 22 kHz tone generator supports bidirectional DiSEqC™ 2.0 and meets widely accepted standards (patent pending)
■ Fast oscillator startup facilitates DiSEqC™ encoding
■ Overload and overtemperature internal protection with I2C diagnostic bits
■ Output voltage and output current level diagnostic feedback through I2C bits
■ LNB short-circuit dynamic protection
■ +/- 4 kV ESD tolerant on output power pins
■ RoHS compliant




Numéro de pièce similaire - STEVAL-CBL004V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-CBL001V1 STMICROELECTRONICS-STEVAL-CBL001V1 Datasheet
187Kb / 5P
EEPROM data programming on-socket or via coaxial cable
June 2008 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
19-Feb-2009
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
12-Aug-2010
More results


Description similaire - STEVAL-CBL004V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
LNB power supply based on the LNBH23 supply
13-Nov-2009
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL006V1 STMICROELECTRONICS-STEVAL-CBL006V1 Datasheet
145Kb / 4P
Demonstation board: power supply for LNB based on the LNBH24 (QFN32)
19-Feb-2009
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
12-Aug-2010
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
19-Sep-2016
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
29-Sep-2016
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.