Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-CBL006V1 Fiches technique (PDF) - STMicroelectronics

STEVAL-CBL006V1 Datasheet PDF - STMicroelectronics
No de pièce STEVAL-CBL006V1
Télécharger  STEVAL-CBL006V1 Télécharger
Taille du fichier   145.35 Kbytes
Page   4 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Demonstation board: power supply for LNB based on the LNBH24 (QFN32)

STEVAL-CBL006V1 Datasheet (PDF)

Go To PDF Page Télécharger Fiches technique
STEVAL-CBL006V1 Datasheet PDF - STMicroelectronics

No de pièce STEVAL-CBL006V1
Télécharger  STEVAL-CBL006V1 Click to download

Taille du fichier   145.35 Kbytes
Page   4 Pages
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Demonstation board: power supply for LNB based on the LNBH24 (QFN32)

STEVAL-CBL006V1 Fiches technique (HTML) - STMicroelectronics


STEVAL-CBL006V1 Détails du produit

Description
The demonstration board STEVAL-CBL006V1 implements a DC-DC converter based on the device LNBH24. It gives good performance in a simple and cheap way and minimum external components are required. It includes all the functions that allow the design of a dual tuner STBs with supplying/interfacing function in accordance with the international standards. It also includes an I²C bus interface and, thanks to a fully integrated step-up DC-DC converter, it works with a single input voltage supply in the range of 8 V to 15 V. STEVAL-CBL006V1

Features
■ Complete interface between LNBs and I²C bus
■ Built-in DC-DC converter for single 12 V supply (8 V to 15 V Vin range) operation and high efficiency (typ. 93%@0.5 A)
■ Compliant with main satellite receivers output voltage specification
■ Accurate built-in 22 kHz tone generator meets widely accepted standards (patent pending)
■ Fast oscillator start-up facilitates DiSEqC™ encoding
■ Built-in 22 kHz tone detector supports bidirectional DiSEqC™ 2.0
■ Over-load and over-temperature internal protections with I²C diagnostic bits
■ Output voltage and output current level diagnostic feedback by I²C bits
■ LNB short circuit dynamic protection
■ +/- 4 kV ESD tolerant on output power pins
■ Based on LNBH24 in QFN32 package




Numéro de pièce similaire - STEVAL-CBL006V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-CBL001V1 STMICROELECTRONICS-STEVAL-CBL001V1 Datasheet
187Kb / 5P
EEPROM data programming on-socket or via coaxial cable
June 2008 Rev 1
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-CBL007V1 STMICROELECTRONICS-STEVAL-CBL007V1 Datasheet
122Kb / 4P
LNB power supply demonstration board based on the DiSEqC 1.X-compliant LNBH23L
12-Aug-2010
More results


Description similaire - STEVAL-CBL006V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
LNB power supply based on the LNBH23 supply
13-Nov-2009
AN3352 STMICROELECTRONICS-AN3352 Datasheet
1Mb / 26P
Dual LNB power supply based on the LNBH24L
25-Nov-2011
STEVAL-CBL003V1 STMICROELECTRONICS-STEVAL-CBL003V1 Datasheet
97Kb / 4P
LNB power supply demonstration board based on the LNBH23
September 2008 Rev 1
STEVAL-CBL004V1 STMICROELECTRONICS-STEVAL-CBL004V1 Datasheet
172Kb / 4P
Power supply demonstration board for LNB based on the LNBH24
April 2010 Rev 1
STEVAL-CBL005V1 STMICROELECTRONICS-STEVAL-CBL005V1 Datasheet
116Kb / 4P
LNB power supply demonstration board based on the LNBH23
April 2009 Rev 1
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
STEVAL-LNBH04 STMICROELECTRONICS-STEVAL-LNBH04 Datasheet
254Kb / 4P
Power supply evaluation board for LNB based on the LNBH26LS
September 2016 Rev 1
STEVAL-LNBH05 STMICROELECTRONICS-STEVAL-LNBH05 Datasheet
256Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
19-Sep-2016
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
Power supply evaluation board for LNB based on the LNBH26S
29-Sep-2016
More results




À propos de STMicroelectronics


Stmicroelectronics est un fabricant multinational d'électronique et de semi-conducteurs basé à Genève, en Suisse.

La société propose une large gamme de produits, notamment des microcontrôleurs, des capteurs, des amplificateurs de puissance et des circuits intégrés pour diverses applications sur les marchés automobiles, industriels et consommateurs.

Fondée en 1987, Stmicroelectronics a des opérations dans plus de 100 pays et est l'une des plus grandes sociétés de semi-conducteurs au monde.

*Ces informations sont fournies à titre informatif uniquement, nous ne serons pas responsables des pertes ou dommages causés par les informations ci-dessus.