| Moteur de recherche de fiches techniques de composants électroniques |
|
HNSS80UYA Fiches technique(PDF) 4 Page - Inolux Corporation |
|
|
|||||||||||||||||||||||||||||
HNSS80UYA Fiches technique(HTML) 4 Page - Inolux Corporation |
|
4 / 19 page ![]() 0.8” Single Digit Numeric SMD Display HNSS80 Series Official Product HNSS80 Series Customer Part No. Data Sheet No. **************** **************** HNSS80 Series Specifications are subject to change without notice. Data and drawings herein are copyrighted. May 13, 2013 Version of 1.0 Page 4/19 Orderable Information H N S S 80 X X X - X X X X Series Name Digit Height Color Code Polarity Customer Code HNSS H: Inolux Technologies N: Numeric S: SMD Display S: Single Digit 80: 0.8” Digit Height UB: 470nm InGaN Blue TG: 525nm InGaN True Green TW: InGan White UYG: 570nm AllnGaP Yellow Green UY: 590nm AllnGaP Yellow UA: 610nm AllnGaP Amber UR: 625nm AllnGaP Hyper Red USR: 640nm AllnGaP Super Red A: Common Anode C: Common Cathode XXXX: Customer specific code |