| Moteur de recherche de fiches techniques de composants électroniques |
|
HNSS80UYA Fiches technique(PDF) 8 Page - Inolux Corporation |
|
|
|||||||||||||||||||||||||||||
HNSS80UYA Fiches technique(HTML) 8 Page - Inolux Corporation |
|
8 / 19 page ![]() 0.8” Single Digit Numeric SMD Display HNSS80 Series Official Product HNSS80 Series Customer Part No. Data Sheet No. **************** **************** HNSS80 Series Specifications are subject to change without notice. Data and drawings herein are copyrighted. May 13, 2013 Version of 1.0 Page 8/19 Electrical and Optical Characteristic (Ta= 25°C ) Product Emission Color IF (mA) VF (V) λ (nm) IV (mcd) IR (µA) Typ. Max. λd Δλ Typ. Max HNSS80UBA/ HNSS80UBC Blue 20 3.2 4.0 470 30 50 10 (VR=8V) HNSS80TGA/ HNSS80TGC True Green 20 3.2 4.0 525 30 210 10 (VR=8V) HNSS80TWA/ HNSS80TWC White 5 3.2 4.0 X=0.29 Y=0.29 30 150 10 (VR=8V) HNSS80UYGA/ HNSS80UYGC Yellow Green 20 2.1 2.6 570 20 15 10 (VR=5V) HNSS80UYA/ HNSS80UYC Yellow 20 2.0 2.6 590 20 30 10 (VR=5V) HNSS80UAA/ HNSS80UAC Amber 20 2.0 2.6 610 20 30 10 (VR=5V) HNSS80URA/ HNSS80URC Hyper Red 20 2.0 2.6 625 20 30 10 (VR=5V) HNSS80USRA/ HNSS80USRC Super Red 20 2.0 2.6 640 20 6 10 (VR=5V) Luminous Intensity tolerance = +/- 15% |