Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HNSS80UYA Fiches technique(PDF) 5 Page - Inolux Corporation

No de pièce HNSS80UYA
Description  0.8 Single Digit Numeric SMD Display
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INOLUX [Inolux Corporation]
Site Internet  http://www.inolux-corp.com/index.php
Logo INOLUX - Inolux Corporation

HNSS80UYA Fiches technique(HTML) 5 Page - Inolux Corporation

  HNSS80UYA Datasheet HTML 1Page - Inolux Corporation HNSS80UYA Datasheet HTML 2Page - Inolux Corporation HNSS80UYA Datasheet HTML 3Page - Inolux Corporation HNSS80UYA Datasheet HTML 4Page - Inolux Corporation HNSS80UYA Datasheet HTML 5Page - Inolux Corporation HNSS80UYA Datasheet HTML 6Page - Inolux Corporation HNSS80UYA Datasheet HTML 7Page - Inolux Corporation HNSS80UYA Datasheet HTML 8Page - Inolux Corporation HNSS80UYA Datasheet HTML 9Page - Inolux Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
0.8” Single Digit
Numeric SMD Display
HNSS80 Series
Official Product
HNSS80 Series
Customer Part No.
Data Sheet No.
****************
****************
HNSS80 Series
Specifications are subject to change without notice. Data
and drawings herein are copyrighted.
May 13, 2013
Version of 1.0
Page
5/19
Features
•
0.8” (20.32mm) Digit Height
•
SMD Type Display
•
Gray Face , White Segment
•
RoHS Compliant, Pb Free
Note: Dimension is in millimeters. Tolerance is ±0.25mm unless otherwise noted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19