Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC862EC Fiches technique(PDF) 85 Page - Motorola, Inc

No de pièce MPC862EC
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862EC Fiches technique(HTML) 85 Page - Motorola, Inc

Back Button MPC862EC Datasheet HTML 80Page - Motorola, Inc MPC862EC Datasheet HTML 81Page - Motorola, Inc MPC862EC Datasheet HTML 82Page - Motorola, Inc MPC862EC Datasheet HTML 83Page - Motorola, Inc MPC862EC Datasheet HTML 84Page - Motorola, Inc MPC862EC Datasheet HTML 85Page - Motorola, Inc MPC862EC Datasheet HTML 86Page - Motorola, Inc MPC862EC Datasheet HTML 87Page - Motorola, Inc MPC862EC Datasheet HTML 88Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 85 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
85
Mechanical Data and Ordering Information
Figure 78. Mechanical Dimensions and Bottom Surface Nomenclature
of the PBGA Package
W
V
U
T
R
P
N
M
L
K
J
H
G
F
E
D
C
B
A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
SIDE VIEW
BOTTOM VIEW
18X
4X
357X
b
TOP VIEW
A2
A3
e
0.3 M C
D
A
A1
D2
0.15 M C
E
E2
0.2 C
A
B
0.2
D1
E1
AB
0.25 C
0.35 C
C
NOTES:
1. Dimensions and tolerancing per ASME Y14.5M,
1994.
2. Dimensions in millimeters.
3. Dimension b is the maximum solder bal
l diameter
measured parallel to datum C.
DIM
MIN
MAX
MILLIMETERS
A
---
2.05
0.50
0.70
A2
0.95
1.35
A3
0.70
0.90
b
0.60
0.90
D
25.00 BSC
D1
22.86 BSC
D2
22.40
22.60
e
1.27 BSC
E
25.00 BSC
E1
22.86 BSC
E2
22.40
22.60
A1
Case No. 1103-01
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88