Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC862EC Fiches technique(PDF) 83 Page - Motorola, Inc

No de pièce MPC862EC
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862EC Fiches technique(HTML) 83 Page - Motorola, Inc

Back Button MPC862EC Datasheet HTML 79Page - Motorola, Inc MPC862EC Datasheet HTML 80Page - Motorola, Inc MPC862EC Datasheet HTML 81Page - Motorola, Inc MPC862EC Datasheet HTML 82Page - Motorola, Inc MPC862EC Datasheet HTML 83Page - Motorola, Inc MPC862EC Datasheet HTML 84Page - Motorola, Inc MPC862EC Datasheet HTML 85Page - Motorola, Inc MPC862EC Datasheet HTML 86Page - Motorola, Inc MPC862EC Datasheet HTML 87Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 88 page
background image
MOTOROLA
MPC862/857T/857DSL Hardware Specifications
83
Mechanical Data and Ordering Information
PD10
TXD3
MII-RXD0
TXENB
W18
Bidirectional
PD9
RXD4
MII-TXD0
UTPCLK
V17
Bidirectional
PD8
TXD4
MII-MDC
MII-RXCLK
W17
Bidirectional
PD7
RTS3
MII-RXERR
UTPB4
T15
Bidirectional
PD6
RTS4
MII-RXDV
UTPB5
V16
Bidirectional
PD5
REJECT2
MII-TXD3
UTPB6
U15
Bidirectional
PD4
REJECT3
MII-TXD2
UTPB7
U16
Bidirectional
PD3
REJECT4
MII-TXD1
SOC
W16
Bidirectional
TMS
G18
Input
TDI
DSDI
H17
Input
TCK
DSCK
H16
Input
TRST
G19
Input
TDO
DSDO
G17
Output
M_CRS
B7
Input
M_MDIO
H18
Bidirectional
M_TXEN
V15
Output
M_COL
H4
Input
Table 35. Pin Assignments (continued)
Name
Pin Number
Type
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88