Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MPC862EC Fiches technique(PDF) 82 Page - Motorola, Inc

No de pièce MPC862EC
Description  Hardware Specifications
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPC862EC Fiches technique(HTML) 82 Page - Motorola, Inc

Back Button MPC862EC Datasheet HTML 78Page - Motorola, Inc MPC862EC Datasheet HTML 79Page - Motorola, Inc MPC862EC Datasheet HTML 80Page - Motorola, Inc MPC862EC Datasheet HTML 81Page - Motorola, Inc MPC862EC Datasheet HTML 82Page - Motorola, Inc MPC862EC Datasheet HTML 83Page - Motorola, Inc MPC862EC Datasheet HTML 84Page - Motorola, Inc MPC862EC Datasheet HTML 85Page - Motorola, Inc MPC862EC Datasheet HTML 86Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 88 page
background image
82
MPC862/857T/857DSL Hardware Specifications
MOTOROLA
Mechanical Data and Ordering Information
Mechanical Data and Ordering Information
PC11
CTS1
J19
Bidirectional
PC10
CD1
TGATE1
K19
Bidirectional
PC9
CTS2
L18
Bidirectional
PC8
CD2
TGATE2
M18
Bidirectional
PC7
CTS3
L1TSYNCB
SDACK2
M16
Bidirectional
PC6
CD3
L1RSYNCB
R19
Bidirectional
PC5
CTS4
L1TSYNCA
SDACK1
T18
Bidirectional
PC4
CD4
L1RSYNCA
T17
Bidirectional
PD15
L1TSYNCA
MII-RXD3
UTPB0
U17
Bidirectional
PD14
L1RSYNCA
MII-RXD2
UTPB1
V19
Bidirectional
PD13
L1TSYNCB
MII-RXD1
UTPB2
V18
Bidirectional
PD12
L1RSYNCB
MII-MDC
UTPB3
R16
Bidirectional
PD11
RXD3
MII-TXERR
RXENB
T16
Bidirectional
Table 35. Pin Assignments (continued)
Name
Pin Number
Type
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88