Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7183 Fiches technique(PDF) 34 Page - Analog Devices

No de pièce AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7183 Fiches technique(HTML) 34 Page - Analog Devices

Back Button AD7183 Datasheet HTML 30Page - Analog Devices AD7183 Datasheet HTML 31Page - Analog Devices AD7183 Datasheet HTML 32Page - Analog Devices AD7183 Datasheet HTML 33Page - Analog Devices AD7183 Datasheet HTML 34Page - Analog Devices AD7183 Datasheet HTML 35Page - Analog Devices AD7183 Datasheet HTML 36Page - Analog Devices AD7183 Datasheet HTML 37Page - Analog Devices AD7183 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
REV. 0
–34–
ADV7183
Table XLVIII. Polarity Register (Subaddress 37)
Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting
PCLK
1
0
Active High
1
Active Low
PFF
2
0
Active High
1
Active Low
PDV
3
0
Active High
1
Active Low
PF
4
0
Active High
1
Active Low
PLLCR
5
0
Active High
1
Active Low
PVS
6
0
Active High
1
Active Low
PHVR
7
0
Active High
1
Active Low
PHS
8
0
Active High
1
Active Low
NOTES
1Sets the polarity of LLC, LLC2, and QClk.
2Sets the polarity of HFF, AEF, and AFF.
3Sets the polarity for Data Field.
4Sets the field sync polarity.
5Sets the LLCREF polarity.
6Sets the VSync polarity.
7Sets the HREF and VREF sync polarities.
8Sets HSync Polarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40