Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AD7183 Fiches technique(PDF) 39 Page - Analog Devices

No de pièce AD7183
Description  Advanced Video Decoder with 10-Bit ADC and Component Input Support
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

AD7183 Fiches technique(HTML) 39 Page - Analog Devices

Back Button AD7183 Datasheet HTML 32Page - Analog Devices AD7183 Datasheet HTML 33Page - Analog Devices AD7183 Datasheet HTML 34Page - Analog Devices AD7183 Datasheet HTML 35Page - Analog Devices AD7183 Datasheet HTML 36Page - Analog Devices AD7183 Datasheet HTML 37Page - Analog Devices AD7183 Datasheet HTML 38Page - Analog Devices AD7183 Datasheet HTML 39Page - Analog Devices AD7183 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
REV. 0
ADV7183
–39–
OUTLINE DIMENSIONS
Dimensions shown in millimeters and (inches)
80-Lead Thin Plastic Quad Flatpack [LQFP]
(ST-80)
TOP VIEW
(PINS DOWN)
1
20
21
41
40
60
61
80
16.25 (0.6398)
15.75 (0.6201)
SQ
14.05 (0.5532)
13.95 (0.5492)
SQ
0.35 (0.0138)
0.25 (0.0098)
0.73 (0.0287)
0.57 (0.0224)
12.35
(0.4862)
TYP
SQ
1.60 (0.0630)
MAX
0.75 (0.0295)
0.50 (0.0197)
SEATING
PLANE
0.15 (0.0059)
0.05 (0.0020)
0.10 (0.0039)
MAX
1.45 (0.0571)
1.35 (0.0531)
COPLANARITY
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40