| Moteur de recherche de fiches techniques de composants électroniques |
|
AD7183 Fiches technique(PDF) 35 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD7183 Fiches technique(HTML) 35 Page - Analog Devices |
|
35 / 40 page ![]() REV. 0 ADV7183 –35– Table XLIX. Resample Control Register (Subaddress 44) Bit Description Bit 7Bit 6Bit 5Bit 4Bit 3Bit 2Bit 1Bit 0Register Setting RESERVED 000001 Set to Default FSC_INV * X NB No Default Value < v85c 0 Compatible with ADV7190, ADV7191, and ADV7194 1 Compatible with ADV717x RESERVED 0 Set to Zero *Color Subcarrier RTCO Inversion. Allows the inversion of the GL bit. Table L. Reserved (Subaddress 45) Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting 001X X 011Default Values 10111011 Set to These Values Reserved Functions Table LI. Reserved (Subaddress F1) Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting 1111011X Default Values 11101111 Set to These Values Reserved Functions Table LII. Reserved (Subaddress F2) Bit Description Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Register Setting 1001110X Default Values 10000000 Set to These Values Reserved Functions |