Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL1TR Fiches technique(PDF) 39 Page - STMicroelectronics

No de pièce STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Fiches technique(HTML) 39 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 35Page - STMicroelectronics STA321MPL1TR Datasheet HTML 36Page - STMicroelectronics STA321MPL1TR Datasheet HTML 37Page - STMicroelectronics STA321MPL1TR Datasheet HTML 38Page - STMicroelectronics STA321MPL1TR Datasheet HTML 39Page - STMicroelectronics STA321MPL1TR Datasheet HTML 40Page - STMicroelectronics STA321MPL1TR Datasheet HTML 41Page - STMicroelectronics STA321MPL1TR Datasheet HTML 42Page - STMicroelectronics STA321MPL1TR Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 80 page
background image
DocID029389 Rev 1
39/80
STA321MPL1
Registers
80
5.2.32
AGEQ - graphic EQ 80-Hz band (0x23)
5.2.33
BGEQ - graphic EQ 300-Hz band (0x24)
5.2.34
CGEQ - graphic EQ 1-kHz band (0x25)
5.2.35
DGEQ - graphic EQ 3-kHz band (0x26)
CnIM[2:0]
Serial input from
000
Channel 1
001
Channel 2
010
Channel 3
011
Channel 4
100
Channel 5
101
Channel 6
110
Channel 7
111
Channel 8
D7
D6
D5
D4
D3
D2
D1
D0
AGEQ4
AGEQ3
AGEQ2
AGEQ1
AGEQ0
01
11
1
D7
D6
D5
D4
D3
D2
D1
D0
BGEQ4
BGEQ3
BGEQ2
BGEQ1
BGEQ0
01
11
1
D7
D6
D5
D4
D3
D2
D1
D0
CGEQ4
CGEQ3
CGEQ2
CGEQ1
CGEQ0
01
11
1
D7
D6
D5
D4
D3
D2
D1
D0
DGEQ4
DGEQ3
DGEQ2
DGEQ1
DGEQ0
01
11
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80