Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL1TR Fiches technique(PDF) 20 Page - STMicroelectronics

No de pièce STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Fiches technique(HTML) 20 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 16Page - STMicroelectronics STA321MPL1TR Datasheet HTML 17Page - STMicroelectronics STA321MPL1TR Datasheet HTML 18Page - STMicroelectronics STA321MPL1TR Datasheet HTML 19Page - STMicroelectronics STA321MPL1TR Datasheet HTML 20Page - STMicroelectronics STA321MPL1TR Datasheet HTML 21Page - STMicroelectronics STA321MPL1TR Datasheet HTML 22Page - STMicroelectronics STA321MPL1TR Datasheet HTML 23Page - STMicroelectronics STA321MPL1TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 80 page
background image
Registers
STA321MPL1
20/80
DocID029389 Rev 1
5
Registers
5.1
Register summary
Table 9. Register summary
Addr
Name
D7
D6
D5
D4
D3
D2
D1
D0
Configuration
0x00
CONFA COS1
COS0
DSPB
IR1
IR0
MCS2
MCS1
MCS0
0x01
0x02
ConfC
SAOD4 SAOFB
SAO3
SAO2
SAO1
SAO0
0x03
ConfD
MPC
CSZ4
CSZ3
CSZ2
CSZ1
CSZ0
OM1
OM0
0x04
ConfE
C8BO
C7BO
C6BO
C5BO
C4BO
C3BO
C2BO
C1BO
0x05
ConfF
PWMS2 PWMS1 PWMS0 BQL
PSL
DEMP
DRC
HPB
0x06
ConfG
MPCV
DCCV
HPE
AM2E
AME
COD
SID
PWMD
0x07
ConfH
ECLE
LDTE
BCLE
IDE
ZDE
SVE
ZCE
NSBW
0x08
ConfI
EAPD
PSCE
Volume control
0x09
MMUTE
MMUTE
0x0A
Mvol
MV7
MV6
MV5
MV4
MV3
MV2
MV1
MV0
0x0B
C1Vol
C1V7
C1V6
C1V5
C1V4
C1V3
C1V2
C1V1
C1V0
0x0C
C2Vol
C2V7
C2V6
C2V5
C2V4
C2V3
C2V2
C2V1
C2V0
0x0D
C3Vol
C3V7
C3V6
C3V5
C3V4
C3V3
C3V2
C3V1
C3V0
0x0E
C4Vol
C4V7
C4V6
C4V5
C4V4
C4V3
C4V2
C4V1
C4V0
0x0F
C5Vol
C5V7
C5V6
C5V5
C5V4
C5V3
C5V2
C5V1
C5V0
0x10
C6Vol
C6V7
C6V6
C6V5
C6V4
C6V3
C6V2
C6V1
C6V0
0x11
C7Vol
C7V7
C7V6
C7V5
C7V4
C7V3
C7V2
C7V1
C7V0
0x12
C8Vol
C8V7
C8V6
C8V5
C8V4
C8V3
C8V2
C8V1
C8V0
0x13
C1VTMB C1M
C1VBP
C1VT4
C1VT3
C1VT2
C1VT1
C1VT0
0x14
C2VTMB C2M
C2VBP
C2VT4
C2VT3
C2VT2
C2VT1
C2VT0
0x15
C3VTMB C3M
C3VBP
C3VT4
C3VT3
C3VT2
C3VT1
C3VT0
0x16
C4VTMB C4M
C4VBP
C4VT4
C4VT3
C4VT2
C4VT1
C4VT0
0x17
C5VTMB C5M
C5VBP
C5VT4
C5VT3
C5VT2
C5VT1
C5VT0
0x18
C6VTMB C6M
C6VBP
C6VT4
C6VT3
C6VT2
C6VT1
C6VT0
0x19
C7VTMB C7M
C7VBP
C7VT4
C7VT3
C7VT2
C7VT1
C7VT0
0x1A
C8VTMB C8M
C8VBP
C8VT4
C8VT3
C8VT2
C8VT1
C8VT0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80