Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STA321MPL1TR Fiches technique(PDF) 52 Page - STMicroelectronics

No de pièce STA321MPL1TR
Description  Scalable digital microphone processor
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA321MPL1TR Fiches technique(HTML) 52 Page - STMicroelectronics

Back Button STA321MPL1TR Datasheet HTML 48Page - STMicroelectronics STA321MPL1TR Datasheet HTML 49Page - STMicroelectronics STA321MPL1TR Datasheet HTML 50Page - STMicroelectronics STA321MPL1TR Datasheet HTML 51Page - STMicroelectronics STA321MPL1TR Datasheet HTML 52Page - STMicroelectronics STA321MPL1TR Datasheet HTML 53Page - STMicroelectronics STA321MPL1TR Datasheet HTML 54Page - STMicroelectronics STA321MPL1TR Datasheet HTML 55Page - STMicroelectronics STA321MPL1TR Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 80 page
background image
Registers
STA321MPL1
52/80
DocID029389 Rev 1
5.3
Reading a coefficient from RAM
1.
Write the top 2 bits of address to I2C register 0x3B
2.
Write the bottom 8 bits of address to I2C register 0x3C
3.
Read the top 8 bits of coefficient in I2C address 0x3D
4.
Read the middle 8 bits of coefficient in I2C address 0x3E
5.
Read the bottom 8 bits of coefficient in I2C address 0x3F
5.4
Reading a set of coefficients from RAM
1.
Write the top 2 bits of address to I2C register 0x3B
2.
Write the bottom 8 bits of address to I2C register 0x3C
3.
Read the top 8 bits of coefficient in I2C address 0x3D
4.
Read the middle 8 bits of coefficient in I2C address 0x3E
5.
Read the bottom 8 bits of coefficient in I2C address 0x3F
6.
Read the top 8 bits of coefficient b2 in I2C address 0x40
7.
Read the middle 8 bits of coefficient b2 in I2C address 0x41
8.
Read the bottom 8 bits of coefficient b2 in I2C address 0x42
9.
Read the top 8 bits of coefficient a1 in I2C address 0x43
10. Read the middle 8 bits of coefficient a1 in I2C address 0x44
11. Read the bottom 8 bits of coefficient a1 in I2C address 0x45
12. Read the top 8 bits of coefficient a2 in I2C address 0x46
13. Read the middle 8 bits of coefficient a2 in I2C address 0x47
14. Read the bottom 8 bits of coefficient a2 in I2C address 0x48
15. Read the top 8 bits of coefficient b0 in I2C address 0x49
16. Read the middle 8 bits of coefficient b0 in I2C address 0x4A
17. Read the bottom 8 bits of coefficient b0 in I2C address 0x4B
5.5
Writing a single coefficient to RAM
1.
Write the top 2 bits of address to I2C register 0x3B
2.
Write the bottom 8 bits of address to I2C register 0x3C
3.
Write the top 8 bits of coefficient in I2C address 0x3D
4.
Write the middle 8 bits of coefficient in I2C address 0x3E
5.
Write the bottom 8 bits of coefficient in I2C address 0x3F
6.
Write 1 to the W1 bit in I2C address 0x4C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80