Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASTX12-ASVTX12 Fiches technique(PDF) 3 Page - Abracon Corporation

No de pièce ASTX12-ASVTX12
Description  Low phase noise
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABRACON [Abracon Corporation]
Site Internet  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTX12-ASVTX12 Fiches technique(HTML) 3 Page - Abracon Corporation

  ASTX12-ASVTX12 Datasheet HTML 1Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 2Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 3Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MECHANICAL DIMESIONS:
ASVTX-12/ASTX-12
2.5 X 2.0 X 0.8mm
ULTRA MNIATURE SMD VC/TCXO
ABRACON IS
CERTIFIED
Dimensions: mm
Recommended Land Pattern
ASVTX-12 VCTCXO
ASTX-12 TCXO
Dimensions: mm
Pb RoHS/RoHS II compliant
ESD Sensitive
LLC
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 01.27.2017
Note1:
It is recommended that a by-pass capacitor of 0.01uF value be
placed between pin #6 and pin #3 and an AC-coupling
capacitor of the same value be placed in series with pin#4 for
optimal performance.
For ASTX, please connect pin #1 and #3 to GND.
Note2:
Pin#2 and Pin#5 should be left floating (No Connect = N.C.)
Recommended Land Pattern
PIN
FUNCTION
ASVTX
ASTX
1
Vcon
GND
2
GND
3
OUTPUT
4
Vcc
Note:
It is recommended that a by-pass capacitor of
0.1uF value be placed between pin #2 and pin
#4 and an AC-coupling capacitor of the same
value be placed in series with pin#3 for
optimal performance.



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com