Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASTX12-ASVTX12 Fiches technique(PDF) 2 Page - Abracon Corporation

No de pièce ASTX12-ASVTX12
Description  Low phase noise
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABRACON [Abracon Corporation]
Site Internet  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTX12-ASVTX12 Fiches technique(HTML) 2 Page - Abracon Corporation

  ASTX12-ASVTX12 Datasheet HTML 1Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 2Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 3Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
OPTIONS & PART IDENTIFICATION:
ASVTX-12/ASTX-12
2.5 X 2.0 X 0.8mm
ULTRA MNIATURE SMD VC/TCXO
ABRACON IS
CERTIFIED
(left blank if standard)
ASTX-12
ASVTX-12
RECOMMENDED TEST CIRCUIT
Pb RoHS/RoHS II compliant
ESD Sensitive
ASVTX-12 or ASTX-12 - -
MHz -
-
Vdd (V)
A: 3.0V±5%
B: 2.8V±5%
C: 2.5V±5%
D: 1.8V±5%
E: 3.3V±5%
Packaging
T: 1,000pcs/reel
Frequency in MHz
Please specify the
frequency in MHz.
e.g. 19.200MHz
26.000MHz
Table 1: Frequency Stability vs Operating Temperature
±0.5ppm
±1.0ppm
±1.5ppm
±2.0ppm
±2.5ppm
0°C ~ +55°C
D05
D10
D15
D20
D25
-10°C ~ +60°C
E05
E10
E15
E20
E25
0°C ~ +70°C
F05
F10
F15
F20
F25
-20°C ~ +70°C
G05
G10
G15
G20
G25
-30°C ~ +85°C
H05*
H10
H15
STD
(Blank)
H25
-40°C ~ +85°C
I05*
I10*
I15
I20
I25
*Please contact Abracon for availability
LLC
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 01.27.2017



Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com