Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ASTX12-ASVTX12 Fiches technique(PDF) 1 Page - Abracon Corporation

No de pièce ASTX12-ASVTX12
Description  Low phase noise
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ABRACON [Abracon Corporation]
Site Internet  https://abracon.com
Logo ABRACON - Abracon Corporation

ASTX12-ASVTX12 Fiches technique(HTML) 1 Page - Abracon Corporation

  ASTX12-ASVTX12 Datasheet HTML 1Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 2Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 3Page - Abracon Corporation ASTX12-ASVTX12 Datasheet HTML 4Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ASVTX-12/ASTX-12
• Cellular and cordless phones
• Standard OSC for exact equipment
• Mobile communication equipment
• Portable radio equipment
• Personal Digital Assistants (PDAs)
• Portable music players
2.5 X 2.0 X 0.8mm
APPLICATIONS:
FEATURES:
• Ultra miniature and low height 0.8mm
• Low current consumption 2.5mA
• Vc function corresponds to PLL circuits
• Suitable for RoHS reflow profile
• Low phase noise
ULTRA MNIATURE SMD VC/TCXO
Moisture Sensitivity Level (MSL) –1
Pb RoHS/RoHS II compliant
ESD Sensitive
Parameters
Minimum
Typical
Maximum
Units
Notes
z
H
M
2
5
0
1
e
g
n
a
R
y
c
n
e
u
q
e
r
F
Standard Frequencies
13, 16.368, 16.369, 19.2, 26, 38.4, 40, 52
MHz
Operating Temperature
-30
+85
°C
See option (Table 1)
C
°
5
8
+
0
4
-
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
Frequency Stability ∆f/f0 vs
-2.0
+2.0
ppm
+25°C, Vcon=1.4V
After 2 time reflow
Tolerance (@+25°C)
Temperature (ref. to +25°C)
-2.0
+2.0
See option (Table 1)
2
.
0
+
2
.
0
-
)
%
5
±
d
d
V
(
e
g
n
a
h
C
e
g
a
tl
o
V
y
l
p
p
u
S
Load Change (ZL±10%)
-0.2
+0.2
Control Voltage (Vcon)
(ASVTX-12 only)
+0.4
+2.4
V
Option A
+0.4
+2.4
Option B
+0.4
+2.4
Option C
+0.3
+1.5
Option D
+0.4
+2.4
Option E
Supply Voltage (Vcc)
+2.85
+3.0
+3.15
V
Option A
+2.66
+2.8
+2.94
Option B
+2.375
+2.5
+2.625
Option C
+1.71
+1.8
+1.89
Option D
+3.135
+3.3
+3.465
Option E
Aging (first year @+25±2°C)
-1.0
+1.0
ppm
Supply Current (Icc)
2.0
mA
13MHz ≤ Fo < 26MHz
2.5
mA
26MHz ≤ Fo ≤ 52MHz
s
m
0
.
2
e
m
i
T
p
u
tr
a
t
S
Frequency Tuning Range
(ASVTX-12 only)
±5.0
±9.5
ppm
Vcon Input Impedance
(ASVTX-12 only)
500
kΩ
e
v
it
i
s
o
P
n
o
it
i
s
n
a
r
T
g
n
i
n
u
T
y
c
n
e
u
q
e
r
F
p
-
p
V
8
.
0
e
g
a
tl
o
V
t
u
p
t
u
O
c
B
d
0
.
5
-
s
c
i
n
o
m
r
a
H
F
p
0
1
//
k
0
1
d
a
o
L
e
v
a
W
e
n
i
S
d
e
p
p
il
C
m
r
o
f
e
v
a
W
Phase Noise @ 19.2MHz
100Hz offset from the carrier
-115
-100
dB/Hz
1kHz offset from the carrier
-135
-125
10kHz offset from the carrier
-150
-140
LLC
5101 Hidden Creek Lane Spicewood TX 78669
Phone: 512-371-6159 | Fax: 512-351-8858
For terms and conditions of sale please visit:
www.abracon.com
ABRACON IS
ISO9001-2008
CERTIFIED
REVISED: 01.27.2017
STANDARD SPECIFICATIONS:


Numéro de pièce similaire - ASTX12-ASVTX12

FabricantNo de pièceFiches techniqueDescription
logo
Abracon Corporation
ASTX11-ASVTX11 ABRACON-ASTX11-ASVTX11 Datasheet
2Mb / 4P
Standard OSC for exact equipment
08.12.14-M
ASTX11_ASVTX11 ABRACON-ASTX11_ASVTX11 Datasheet
959Kb / 2P
VOLTAGE CONTROLLED TEMPERATURE COMPENSATED SMD CRYSTAL OSCILLATOR
07.27.11-K
More results

Description similaire - ASTX12-ASVTX12

FabricantNo de pièceFiches techniqueDescription
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD Datasheet
828Kb / 2P
Low Phase Noise Type
logo
SYNERGY MICROWAVE CORPO...
DXO720840-5 SYNERGY-DXO720840-5 Datasheet
399Kb / 3P
Low Phase Noise
OXO10-1-412 SYNERGY-OXO10-1-412 Datasheet
1Mb / 2P
Exceptionally Low Phase Noise
logo
ILSI America LLC
I426 ILSI-I426 Datasheet
127Kb / 2P
Low Phase Noise OCXO
logo
M/A-COM Technology Solu...
MLPNC-7103S1 MA-COM-MLPNC-7103S1 Datasheet
864Kb / 12P
Ultra-Low Phase Noise
logo
MTRONPTI
M3027 MTRONPTI-M3027 Datasheet
233Kb / 5P
Low Phase Noise
logo
Unisonic Technologies
UGV3040L-TA3-T UTC-UGV3040L-TA3-T Datasheet
199Kb / 4P
Low Phase Noise
logo
NIHON DEMPA KOGYO
NZ2016SD NDK-NZ2016SD_18 Datasheet
915Kb / 2P
Low Phase Noise Type
NZ3225SD NDK-NZ3225SD_18 Datasheet
829Kb / 2P
Low Phase Noise Type
logo
Chengdu Xtaltq Technolo...
BT0914A XTAITQ-BT0914A Datasheet
545Kb / 3P
Low Phase Noise TCXO
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com