Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F769II Fiches technique(PDF) 73 Page - STMicroelectronics

No de pièce STM32F769II
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769II Fiches technique(HTML) 73 Page - STMicroelectronics

Back Button STM32F769II Datasheet HTML 69Page - STMicroelectronics STM32F769II Datasheet HTML 70Page - STMicroelectronics STM32F769II Datasheet HTML 71Page - STMicroelectronics STM32F769II Datasheet HTML 72Page - STMicroelectronics STM32F769II Datasheet HTML 73Page - STMicroelectronics STM32F769II Datasheet HTML 74Page - STMicroelectronics STM32F769II Datasheet HTML 75Page - STMicroelectronics STM32F769II Datasheet HTML 76Page - STMicroelectronics STM32F769II Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 255 page
background image
DocID029041 Rev 4
73/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Pinouts and pin description
105
40
63
R9
73
84
R9
J6
73
84
R9
PE10
I/O FT
-
TIM1_CH2N,
DFSDM1_DATIN4,
UART7_CTS,
QUADSPI_BK2_IO3,
FMC_D7, EVENTOUT
-
41
64
P10
74
85
P10
K6
74
85
P10
PE11
I/O FT
-
TIM1_CH2, SPI4_NSS,
DFSDM1_CKIN4,
SAI2_SD_B, FMC_D8,
LCD_G3, EVENTOUT
-
42
65
R10
75
86
R10
L6
75
86
R10
PE12
I/O FT
-
TIM1_CH3N, SPI4_SCK,
DFSDM1_DATIN5,
SAI2_SCK_B, FMC_D9,
LCD_B4, EVENTOUT
-
43
66
N11
76
87
R12
P6
76
87
R12
PE13
I/O FT
-
TIM1_CH3, SPI4_MISO,
DFSDM1_CKIN5,
SAI2_FS_B, FMC_D10,
LCD_DE, EVENTOUT
-
44
67
P11
77
88
P11
N6
77
88
P11
PE14
I/O FT
-
TIM1_CH4, SPI4_MOSI,
SAI2_MCLK_B, FMC_D11,
LCD_CLK, EVENTOUT
-
45
68
R11
78
89
R11
M6
78
89
R11
PE15
I/O FT
-
TIM1_BKIN, FMC_D12,
LCD_R7, EVENTOUT
-
46
69
R12
79
90
P12
K5
79
90
P12
PB10
I/O FT
-
TIM2_CH3, I2C2_SCL,
SPI2_SCK/I2S2_CK,
DFSDM1_DATIN7,
USART3_TX,
QUADSPI_BK1_NCS,
OTG_HS_ULPI_D3,
ETH_MII_RX_ER,
LCD_G4, EVENTOUT
-
Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F765xx
STM32F767xx
STM32F768Ax
STM32F769xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More