Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F769II Fiches technique(PDF) 68 Page - STMicroelectronics

No de pièce STM32F769II
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F769II Fiches technique(HTML) 68 Page - STMicroelectronics

Back Button STM32F769II Datasheet HTML 64Page - STMicroelectronics STM32F769II Datasheet HTML 65Page - STMicroelectronics STM32F769II Datasheet HTML 66Page - STMicroelectronics STM32F769II Datasheet HTML 67Page - STMicroelectronics STM32F769II Datasheet HTML 68Page - STMicroelectronics STM32F769II Datasheet HTML 69Page - STMicroelectronics STM32F769II Datasheet HTML 70Page - STMicroelectronics STM32F769II Datasheet HTML 71Page - STMicroelectronics STM32F769II Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 255 page
background image
Pinouts and pin description
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
68/255
DocID029041 Rev 4
17
28
M4
34
37
M4
NC
34
37
M4
PC2
I/O FT
-
DFSDM1_CKIN1,
SPI2_MISO,
DFSDM1_CKOUT,
OTG_HS_ULPI_DIR,
ETH_MII_TXD2,
FMC_SDNE0, EVENTOUT
ADC1_IN12,
ADC2_IN12,
ADC3_IN12
18
29
M5
35
38
L4
NC
35
38
L4
PC3
I/O FT
-
DFSDM1_DATIN1,
SPI2_MOSI/I2S2_SD,
OTG_HS_ULPI_NXT,
ETH_MII_TX_CLK,
FMC_SDCKE0,
EVENTOUT
ADC1_IN13,
ADC2_IN13,
ADC3_IN13
-
30
-
36
39
J5
-
36
39
J5
VDD
S
-
-
-
-
-
-
-
-
-
J6
-
-
-
J6
VSS
S
-
-
-
-
19
31
M1
37
40
M1 M11
37
40
M1
VSSA
S
-
-
-
-
-
-
N1
-
-
N1
-
-
-
N1
VREF-
S
-
-
-
-
20
32
P1
38
41
P1
-
38
41
P1
VREF+
S
-
-
-
-
21
33
R1
39
42
R1 M12
39
42
R1
VDDA
S
-
-
-
-
22
34
N3
40
43
N3 M13
40
43
N3
PA0-
WKUP
I/O FT (4)
TIM2_CH1/TIM2_ETR,
TIM5_CH1, TIM8_ETR,
USART2_CTS,
UART4_TX, SAI2_SD_B,
ETH_MII_CRS,
EVENTOUT
ADC1_IN0,
ADC2_IN0,
ADC3_IN0,
WKUP1
23
35
N2
41
44
N2
J11
41
44
N2
PA1
I/O FT
-
TIM2_CH2, TIM5_CH2,
USART2_RTS,
UART4_RX,
QUADSPI_BK1_IO3,
SAI2_MCLK_B,
ETH_MII_RX_CLK/ETH_R
MII_REF_CLK, LCD_R2,
EVENTOUT
ADC1_IN1,
ADC2_IN1,
ADC3_IN1
Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F765xx
STM32F767xx
STM32F768Ax
STM32F769xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More