| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L471RG Fiches technique(PDF) 97 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L471RG Fiches technique(HTML) 97 Page - STMicroelectronics |
|
97 / 218 page ![]() DocID027226 Rev 1 97/218 STM32L471xx Electrical characteristics 199 VPVD1 PVD threshold 1 Rising edge 2.26 2.31 2.36 V Falling edge 2.15 2.20 2.25 VPVD2 PVD threshold 2 Rising edge 2.41 2.46 2.51 V Falling edge 2.31 2.36 2.41 VPVD3 PVD threshold 3 Rising edge 2.56 2.61 2.66 V Falling edge 2.47 2.52 2.57 VPVD4 PVD threshold 4 Rising edge 2.69 2.74 2.79 V Falling edge 2.59 2.64 2.69 VPVD5 PVD threshold 5 Rising edge 2.85 2.91 2.96 V Falling edge 2.75 2.81 2.86 VPVD6 PVD threshold 6 Rising edge 2.92 2.98 3.04 V Falling edge 2.84 2.90 2.96 Vhyst_BORH0 Hysteresis voltage of BORH0 Hysteresis in continuous mode -20 - mV Hysteresis in other mode -30 - Vhyst_BOR_PVD Hysteresis voltage of BORH (except BORH0) and PVD -- 100 - mV IDD (BOR_PVD)(2) BOR(3) (except BOR0) and PVD consumption from VDD -- 1.1 1.6 µA VPVM2 VDDIO2 peripheral voltage monitoring - 0.92 0.96 1 V VPVM3 VDDA peripheral voltage monitoring Rising edge 1.61 1.65 1.69 V Falling edge 1.6 1.64 1.68 VPVM4 VDDA peripheral voltage monitoring Rising edge 1.78 1.82 1.86 V Falling edge 1.77 1.81 1.85 Vhyst_PVM3 PVM3 hysteresis - - 10 - mV Vhyst_PVM4 PVM4 hysteresis - - 10 - mV IDD (PVM1/PVM2) (2) PVM1 and PVM2 consumption from VDD -- 0.2 - µA IDD (PVM3/PVM4) (2) PVM3 and PVM4 consumption from VDD -- 2 - µA 1. Continuous mode means Run/Sleep modes, or temperature sensor enable in Low-power run/Low-power sleep modes. 2. Guaranteed by design. 3. BOR0 is enabled in all modes (except shutdown) and its consumption is therefore included in the supply current characteristics tables. Table 24. Embedded reset and power control block characteristics (continued) Symbol Parameter Conditions(1) Min Typ Max Unit |