Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F767VG Fiches technique(PDF) 228 Page - STMicroelectronics

No de pièce STM32F767VG
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VG Fiches technique(HTML) 228 Page - STMicroelectronics

Back Button STM32F767VG Datasheet HTML 224Page - STMicroelectronics STM32F767VG Datasheet HTML 225Page - STMicroelectronics STM32F767VG Datasheet HTML 226Page - STMicroelectronics STM32F767VG Datasheet HTML 227Page - STMicroelectronics STM32F767VG Datasheet HTML 228Page - STMicroelectronics STM32F767VG Datasheet HTML 229Page - STMicroelectronics STM32F767VG Datasheet HTML 230Page - STMicroelectronics STM32F767VG Datasheet HTML 231Page - STMicroelectronics STM32F767VG Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 255 page
background image
Package information
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
228/255
DocID029041 Rev 4
LQFP100 device making
The following figure gives an example of topside marking orientation versus pin 1 identifier
location.
Other optional marking or inset/upset marks, which identify the parts throughout supply
chain operations, are not indicated below.
Figure 85. LQFP100, 14 x 14 mm, 100-pin low-profile quad flat package
top view example
1. Parts marked as “ES”, “E” or accompanied by an Engineering Sample notification letter, are not yet
qualified and therefore not yet ready to be used in production and any consequences deriving from such
usage will not be at ST charge. In no event, ST will be liable for any customer usage of these engineering
samples in production. ST Quality has to be contacted prior to any decision to use these Engineering
samples to run qualification activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More