Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F767VG Fiches technique(PDF) 81 Page - STMicroelectronics

No de pièce STM32F767VG
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VG Fiches technique(HTML) 81 Page - STMicroelectronics

Back Button STM32F767VG Datasheet HTML 77Page - STMicroelectronics STM32F767VG Datasheet HTML 78Page - STMicroelectronics STM32F767VG Datasheet HTML 79Page - STMicroelectronics STM32F767VG Datasheet HTML 80Page - STMicroelectronics STM32F767VG Datasheet HTML 81Page - STMicroelectronics STM32F767VG Datasheet HTML 82Page - STMicroelectronics STM32F767VG Datasheet HTML 83Page - STMicroelectronics STM32F767VG Datasheet HTML 84Page - STMicroelectronics STM32F767VG Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 255 page
background image
DocID029041 Rev 4
81/255
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
Pinouts and pin description
105
-
-
C13 134 157 C13
D3
134 157 C13
PI3
I/O FT
-
TIM8_ETR,
SPI2_MOSI/I2S2_SD,
FMC_D27, DCMI_D10,
EVENTOUT
-
-
-
D9
135
-
F9
-
135
-
F9
VSS
S
-
-
-
-
-
C9
136 158 E10
-
136 158 E10
VDD
S
-
-
-
--
76 109 A14 137 159 A14
A3
137 159 A14
PA14(JTC
K-
SWCLK)
I/O FT
-
JTCK-SWCLK,
EVENTOUT
-
77 110 A13 138 160 A13
F8
138 160 A13
PA15(JTD
I)
I/O FT
-
JTDI,
TIM2_CH1/TIM2_ETR,
HDMI_CEC,
SPI1_NSS/I2S1_WS,
SPI3_NSS/I2S3_WS,
SPI6_NSS, UART4_RTS,
CAN3_TX, UART7_TX,
EVENTOUT
-
78 111 B14 139 161 B14
B4
139 161 B14
PC10
I/O FT
-
DFSDM1_CKIN5,
SPI3_SCK/I2S3_CK,
USART3_TX, UART4_TX,
QUADSPI_BK1_IO1,
SDMMC1_D2, DCMI_D8,
LCD_R2, EVENTOUT
-
79 112 B13 140 162 B13
C4
140 162 B13
PC11
I/O FT
-
DFSDM1_DATIN5,
SPI3_MISO, USART3_RX,
UART4_RX,
QUADSPI_BK2_NCS,
SDMMC1_D3, DCMI_D4,
EVENTOUT
-
80 113 A12 141 163 A12
D4
141 163 A12
PC12
I/O FT
-
TRACED3,
SPI3_MOSI/I2S3_SD,
USART3_CK, UART5_TX,
SDMMC1_CK, DCMI_D9,
EVENTOUT
-
Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F765xx
STM32F767xx
STM32F768Ax
STM32F769xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More