Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F767VG Fiches technique(PDF) 86 Page - STMicroelectronics

No de pièce STM32F767VG
Description  Dual mode Quad-SPI
PDF  255 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F767VG Fiches technique(HTML) 86 Page - STMicroelectronics

Back Button STM32F767VG Datasheet HTML 82Page - STMicroelectronics STM32F767VG Datasheet HTML 83Page - STMicroelectronics STM32F767VG Datasheet HTML 84Page - STMicroelectronics STM32F767VG Datasheet HTML 85Page - STMicroelectronics STM32F767VG Datasheet HTML 86Page - STMicroelectronics STM32F767VG Datasheet HTML 87Page - STMicroelectronics STM32F767VG Datasheet HTML 88Page - STMicroelectronics STM32F767VG Datasheet HTML 89Page - STMicroelectronics STM32F767VG Datasheet HTML 90Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 255 page
background image
Pinouts and pin description
STM32F765xx STM32F767xx STM32F768Ax STM32F769xx
86/255
DocID029041 Rev 4
96 140
B4
168 199
B4
D9
168 199
B4
PB9
I/O FT
-
I2C4_SDA, TIM4_CH4,
TIM11_CH1, I2C1_SDA,
SPI2_NSS/I2S2_WS,
DFSDM1_DATIN7,
UART5_TX, CAN1_TX,
SDMMC2_D5,
I2C4_SMBA,
SDMMC1_D5, DCMI_D7,
LCD_B7, EVENTOUT
-
97 141
A4
169 200
A6
C9
169 200
A6
PE0
I/O FT
-
TIM4_ETR, LPTIM1_ETR,
UART8_RX,
SAI2_MCLK_A,
FMC_NBL0, DCMI_D2,
EVENTOUT
-
98 142
A3
170 201
A5
B10 170 201
A5
PE1
I/O FT
-
LPTIM1_IN2, UART8_TX,
FMC_NBL1, DCMI_D3,
EVENTOUT
-
99
-
D5
-
202
F6
A11
-
202
F6
VSS
S
-
-
-
-
-
143
C6
171 203
E5
C10 171 203
E5
PDR_ON
S
-
-
-
-
10
0
144
C5
172 204
E7
B11 172 204
E7
VDD
S
-
-
-
-
-
-
D4
173 205
C3
D10 173 205
C3
PI4
I/O FT
-
TIM8_BKIN,
SAI2_MCLK_A,
FMC_NBL2, DCMI_D5,
LCD_B4, EVENTOUT
-
-
-
C4
174 206
D3
D11 174 206
D3
PI5
I/O FT
-
TIM8_CH1, SAI2_SCK_A,
FMC_NBL3,
DCMI_VSYNC, LCD_B5,
EVENTOUT
-
-
-
C3
175 207
D6
C11 175 207
D6
PI6
I/O FT
-
TIM8_CH2, SAI2_SD_A,
FMC_D28, DCMI_D6,
LCD_B6, EVENTOUT
-
-
-
C2
176 208
D4
B12 176 208
D4
PI7
I/O FT
-
TIM8_CH3, SAI2_FS_A,
FMC_D29, DCMI_D7,
LCD_B7, EVENTOUT
-
Table 10. STM32F765xx, STM32F767xx, STM32F768Ax and STM32F769xx pin and
ball definitions (continued)
Pin Number
Alternate functions
Additional
functions
STM32F765xx
STM32F767xx
STM32F768Ax
STM32F769xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More