| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32F328C8 Fiches technique(PDF) 49 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32F328C8 Fiches technique(HTML) 49 Page - STMicroelectronics |
|
49 / 109 page ![]() DocID026351 Rev 3 49/109 STM32F328C8 Electrical characteristics 100 6.3.2 Operating conditions at power-up / power-down The parameters given in Table 19 are derived from tests performed under the ambient temperature condition summarized in Table 18. Table 19. Operating conditions at power-up / power-down Symbol Parameter Conditions Min. Max. Unit tVDD VDD rise time rate - 0¥ µs/V VDD fall time rate 20 ¥ tVDDA VDDA rise time rate - 0¥ VDDA fall time rate 20 ¥ |