Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F328C8 Fiches technique(PDF) 32 Page - STMicroelectronics

No de pièce STM32F328C8
Description  CRC calculation unit
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F328C8 Fiches technique(HTML) 32 Page - STMicroelectronics

Back Button STM32F328C8 Datasheet HTML 28Page - STMicroelectronics STM32F328C8 Datasheet HTML 29Page - STMicroelectronics STM32F328C8 Datasheet HTML 30Page - STMicroelectronics STM32F328C8 Datasheet HTML 31Page - STMicroelectronics STM32F328C8 Datasheet HTML 32Page - STMicroelectronics STM32F328C8 Datasheet HTML 33Page - STMicroelectronics STM32F328C8 Datasheet HTML 34Page - STMicroelectronics STM32F328C8 Datasheet HTML 35Page - STMicroelectronics STM32F328C8 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 109 page
background image
Pinouts and pin description
STM32F328C8
32/109
DocID026351 Rev 3
25
PB12
I/O
TTa
TSC_G6_IO2,
TIM1_BKIN,
USART3_CK,
EVENTOUT
ADC2_IN13
26
PB13
I/O
TTa
TSC_G6_IO3,
TIM1_CH1N,
USART3_CTS,
EVENTOUT
ADC1_IN13
27
PB14
I/O
TTa
TIM15_CH1,
TSC_G6_IO4,
TIM1_CH2N,
USART3_RTS_D
E, EVENTOUT
ADC2_IN14,
OPAMP2_VINP
28
PB15
I/O
TTa
TIM15_CH2,
TIM15_CH1N,
TIM1_CH3N,
EVENTOUT
ADC2_IN15,
COMP6_INM,
RTC_REFIN
29
PA8
I/O
FT
MCO,
TIM1_CH1,
USART1_CK,
EVENTOUT
-
30
PA9
I/O
FT
TSC_G4_IO1,
TIM1_CH2,
USART1_TX,
TIM15_BKIN,
TIM2_CH3,
EVENTOUT
-
31
PA10
I/O
FT
TIM17_BKIN,
TSC_G4_IO2,
TIM1_CH3,
USART1_RX,
COMP6_OUT,
TIM2_CH4,
EVENTOUT
-
32
PA11
I/O
FT
TIM1_CH1N,
USART1_CTS,
CAN_RX,
TIM1_CH4,
TIM1_BKIN2,
EVENTOUT
-
Table 12. STM32F328C8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
LQFP48
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More