Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32F328C8 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STM32F328C8
Description  CRC calculation unit
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F328C8 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STM32F328C8 Datasheet HTML 29Page - STMicroelectronics STM32F328C8 Datasheet HTML 30Page - STMicroelectronics STM32F328C8 Datasheet HTML 31Page - STMicroelectronics STM32F328C8 Datasheet HTML 32Page - STMicroelectronics STM32F328C8 Datasheet HTML 33Page - STMicroelectronics STM32F328C8 Datasheet HTML 34Page - STMicroelectronics STM32F328C8 Datasheet HTML 35Page - STMicroelectronics STM32F328C8 Datasheet HTML 36Page - STMicroelectronics STM32F328C8 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 109 page
background image
DocID026351 Rev 3
33/109
STM32F328C8
Pinouts and pin description
42
33
PA12
I/O
FT
TIM16_CH1,
TIM1_CH2N,
USART1_RTS_D
E, COMP2_OUT,
CAN_TX,
TIM1_ETR,
EVENTOUT
-
34
PA13
I/O
FT
JTMS/SWDAT,
TIM16_CH1N,
TSC_G4_IO3,
IR_OUT,
USART3_CTS,
EVENTOUT
-
35
VSS
S
-
-
-
36
VDD
S
-
-
-
37
PA14
I/O
FTf
JTCK/SWCLK,
TSC_G4_IO4,
I2C1_SDA,
TIM1_BKIN,
USART2_TX,
EVENTOUT
-
38
PA15
I/O
FTf
JTDI,
TIM2_CH1/TIM2
_ETR,
TSC_SYNC,
I2C1_SCL,
SPI1_NSS,
USART2_RX,
TIM1_BKIN,
EVENTOUT
-
39
PB3
I/O
FT
JTDO/TRACE
SWO,
TIM2_CH2,
TSC_G5_IO1,
SPI1_SCK,
USART2_TX,
TIM3_ETR,
EVENTOUT
-
Table 12. STM32F328C8 pin definitions (continued)
Pin Number
Pin name
(function after
reset)
Pin functions
LQFP48
Alternate
functions
Additional
functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More