Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L151X4 Fiches technique(PDF) 140 Page - STMicroelectronics

No de pièce STM8L151X4
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X4 Fiches technique(HTML) 140 Page - STMicroelectronics

Back Button STM8L151X4 Datasheet HTML 134Page - STMicroelectronics STM8L151X4 Datasheet HTML 135Page - STMicroelectronics STM8L151X4 Datasheet HTML 136Page - STMicroelectronics STM8L151X4 Datasheet HTML 137Page - STMicroelectronics STM8L151X4 Datasheet HTML 138Page - STMicroelectronics STM8L151X4 Datasheet HTML 139Page - STMicroelectronics STM8L151X4 Datasheet HTML 140Page - STMicroelectronics STM8L151X4 Datasheet HTML 141Page - STMicroelectronics STM8L151X4 Datasheet HTML 142Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 140 / 142 page
background image
Revision history
STM8L151x4/6, STM8L152x4/6
140/142
DocID15962 Rev 15
10-Feb-2012
8
Features: replaced “’Dynamic consumption’ with
‘Consumption’.
Table: Medium density STM8L15x pin description:
updated OD column of NRST/PA1 pin.
Table: Interrupt mapping: removed tamper 1, tamper 2
and tamper 3.
Figure: UFQFPN48 package outline: replaced.
Table: UFQFPN48 package mechanical data: updated
title.
Figure: UFQFPN32 - 32-lead ultra thin fine pitch quad
flat no-lead package outline (5 x 5): removed the line
over A1.
Figure: UFQFPN28 package outline: replaced to
improve readability of UFQFPN28 package dimensions
A, L, and L1.
Figure: Recommended UFQFPN28 footprint
(dimensions in mm): updated title.
Figure: WLCSP28 package outline: updated title.
Table: WLCSP28 package mechanical data: updated
title.
02-Mar-2012
9
Updated Table: UFQFPN48 package mechanical data.
Updated Figure: UFQFPN28 package outline, Figure:
Recommended UFQFPN28 footprint (dimensions in
mm) and Table: UFQFPN28 package mechanical data.
Table: WLCSP28 package mechanical data: Min and
Max values removed for e1, e2, e3, e4, F and G
dimensions.
30-Mar-2012
10
Figure: SPI1 timing diagram - master mode(1): changed
SCK signals to ‘output’ instead of ‘input’.
Figure: Medium density STM8L15x ordering information
scheme: added ‘Tape & reel’ to package section.
26-Apr-2012
11
Updated Table: WLCSP28 package mechanical data.
12-Nov-2013
12
Updated Table: WLCSP28 package mechanical data.
Updated Table: Medium-density STM8L15x pin
description.
Updated Table 2: Medium density STM8L15x low power
device features and peripheral counts.
Added Figure: Recommended LQFP48 footprint and
Figure: Recommended LQFP32 footprint.
12-Aug-2013
13
Changed the default setting value of OPT5 to 0x00 in
Table: Option byte addresses.
Added tTEMP ‘BOR detector enabled’ and ‘disabled’
characteristics in Table: Embedded reset and power
control block characteristics.
Updated E2, D2 and ddd in Table: UFQFPN48 package
mechanical data
Table 69. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More