Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L151X4 Fiches technique(PDF) 138 Page - STMicroelectronics

No de pièce STM8L151X4
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X4 Fiches technique(HTML) 138 Page - STMicroelectronics

Back Button STM8L151X4 Datasheet HTML 134Page - STMicroelectronics STM8L151X4 Datasheet HTML 135Page - STMicroelectronics STM8L151X4 Datasheet HTML 136Page - STMicroelectronics STM8L151X4 Datasheet HTML 137Page - STMicroelectronics STM8L151X4 Datasheet HTML 138Page - STMicroelectronics STM8L151X4 Datasheet HTML 139Page - STMicroelectronics STM8L151X4 Datasheet HTML 140Page - STMicroelectronics STM8L151X4 Datasheet HTML 141Page - STMicroelectronics STM8L151X4 Datasheet HTML 142Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 138 / 142 page
background image
Revision history
STM8L151x4/6, STM8L152x4/6
138/142
DocID15962 Rev 15
23-Jul-2010
5
Modified Introduction and Description.
Modified Table: Legend/abbreviation for table 5 and
Table: Medium density STM8L15x pin description (for
PA0, PA1, PB0 and PB4 and for reset states in the
floating input column)
Modified Figure: Low density STM8L151xx device block
diagram, Figure: Low density STM8L15x clock tree
diagram, Figure: Low power modes and Figure : Low
power real-time clock.
Modified CLK_PCKENR2 and CLK_HSICALR reset
values in Table: General hardware register map.
Modified notes below Figure: Memory map.
Modified PA_CR1 reset value.
Modified reset values for Px_IDR registers.
Modified Table: Voltage characteristics and Table:
Current characteristics.
Modified VIH in Table: I/O static characteristics.
Modified Table: Total current consumption in Wait mode.
Modified Figure Typical application with I2C bus and
timing diagram 1).
Modified IL value in Figure: Typical connection diagram
using the ADC1.
Modified RH and RL in Table: LCD characteristics.
Added graphs in Section: Electrical parameters.
Modified note 3 below Table: Reference voltage
characteristics.
Modified note 1 below Table: TS characteristics.
Changed VESD(CDM) value in Table: ESD absolute
maximum ratings.
Updated notes for UFQFPN32 and UFQFPN48
packages.
11-Mar-2011
6
Modified note on true open drain I/Os and I/O level
columns in Table: Medium density STM8L15x pin
description.
Remapping option removed for USART1_TX,
USART1_RX, and USART1_CK on PC2, PC3 and PC4
in Table: Medium density STM8L15x pin description.
Modified IDWDG_KR reset value in Table: General
hardware register map.
Replaced VREF_OUT with VREFINT and TIMx_TRIG
with TIMx_ETR.
Added Table: Factory conversion registers. Modified
reset values for TIM1_DCR1, IWDG_KR, RTC_DR1,
RTC_DR2, RTC_SPRERH, RTC_SPRERL,
RTC_APRER, RTC_WUTRH, and RTC_WUTRL in
Table: General hardware register map.
Added notes to certain values in Section: Embedded
reference voltage and Section: Temperature sensor.
Table 69. Document revision history (continued)
Date
Revision
Changes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More