Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM8L151X4 Fiches technique(PDF) 68 Page - STMicroelectronics

No de pièce STM8L151X4
Description  Advanced STM8 core
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151X4 Fiches technique(HTML) 68 Page - STMicroelectronics

Back Button STM8L151X4 Datasheet HTML 64Page - STMicroelectronics STM8L151X4 Datasheet HTML 65Page - STMicroelectronics STM8L151X4 Datasheet HTML 66Page - STMicroelectronics STM8L151X4 Datasheet HTML 67Page - STMicroelectronics STM8L151X4 Datasheet HTML 68Page - STMicroelectronics STM8L151X4 Datasheet HTML 69Page - STMicroelectronics STM8L151X4 Datasheet HTML 70Page - STMicroelectronics STM8L151X4 Datasheet HTML 71Page - STMicroelectronics STM8L151X4 Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 142 page
background image
Electrical parameters
STM8L151x4/6, STM8L152x4/6
68/142
DocID15962 Rev 15
Figure 12. POR/BOR thresholds
9.3.3
Supply current characteristics
Total current consumption
The MCU is placed under the following conditions:
l
All I/O pins in input mode with a static value at VDD or VSS (no load)
l
All peripherals are disabled except if explicitly mentioned.
In the following table, data is based on characterization results, unless otherwise specified.
Subject to general operating conditions for VDD and TA.
1. Data guaranteed by design.
2. Data based on characterization results.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More